Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-7780C-1510G Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-7780C-1510G
Description  1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-7780C-1510G Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-7780C-1510G Datasheet HTML 1Page - Optoway Technology Inc BTRS-7780C-1510G Datasheet HTML 2Page - Optoway Technology Inc BTRS-7780C-1510G Datasheet HTML 3Page - Optoway Technology Inc BTRS-7780C-1510G Datasheet HTML 4Page - Optoway Technology Inc BTRS-7780C-1510G Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
BTRS-7780C-1510G
***********************************************************************************************************************************************************************
***********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V2.0
1
BTRS-7780C-1510G
1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
***********************************************************************************************************************************************************************
FEATURES
l Single Fiber Bi-Directional Transceiver
l 1510 nm DFB LD Transmitter
l 1590 nm Receiver
l 24 dB Power Budget at Least
l Distance Up to 80 km
l 0 to 70oC Operating
l Speed up to 1300 Mbps
l LVTTL Signal Detect Output
l Single +3.3 V Power Supply
l PECL Differential Inputs and Outputs
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM Gigabit Ethernet Links
l SONET/SDH Equipment Interconnect
l Fiber Channel Links
DESCRIPTION
The BTRS-7780C-1510G series is high performance
module for single fiber communications by using 1510 nm
transmitter and 1590 nm receiver. The transmitter section
uses a multiple quantum well 1510 nm DFB laser and is a
class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an integrated
1590 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC. A PECL logic
interface simplifies interface to external circuitry. Signal
Detect with LC-TTL is used.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Bit Rate
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX Sens.
(dBm)
RoHS
Compliant
BTRS-7780C-1510G
1.25
80
1510 DFB
1590
3.3
SC, 2X5
0 to 70
3 to -2
-26
Yes
Note: 1. BTRS-XXXXX is SFF SC receptacle type package.
2. BTRS-XXXXX-APBBB is SFF pigtail type package with different connector, A=S is SC connector, A=F is FC
connector, A=T is ST connector, A=L is LC connector, A=M is MU connector; BBB is the length of fiber in cm.
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
Air flow 1m/sec
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
4.5
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Operating Temperature
Topr
0
70
oC / air flow 1m/sec
Data Rate
1250
1300
Mb/s
Power Supply Current
Icc
280
mA


Similar Part No. - BTRS-7780C-1510G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7780C-1510G OPTOWAY-BTRS-7780C-1510G Datasheet
119Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7780C-1510G OPTOWAY-BTRS-7780C-1510G_09 Datasheet
119Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
More results

Similar Description - BTRS-7780C-1510G

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-7780C-1590G OPTOWAY-BTRS-7780C-1590G Datasheet
117Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-77120C-1510G OPTOWAY-BTRS-77120C-1510G Datasheet
118Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7780C-1510G OPTOWAY-BTRS-7780C-1510G_09 Datasheet
119Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-77120C-1510G OPTOWAY-BTRS-77120C-1510G_09 Datasheet
119Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-7780C-1590G OPTOWAY-BTRS-7780C-1590G_09 Datasheet
119Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-77120C-1590G OPTOWAY-BTRS-77120C-1590G Datasheet
118Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
BTRS-77120C-1590G OPTOWAY-BTRS-77120C-1590G_09 Datasheet
119Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps RoHS Compliant Single-Fiber Transceiver
SPB-7780-1510G OPTOWAY-SPB-7780-1510G Datasheet
171Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
SPB-77120-1590G OPTOWAY-SPB-77120-1590G Datasheet
172Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 1250 Mbps Single-Fiber SFP Transceiver
BTRS-5780-1590G OPTOWAY-BTRS-5780-1590G Datasheet
130Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com