Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BTRS-9780-1590-SPG Datasheet(PDF) 1 Page - Optoway Technology Inc

Part # BTRS-9780-1590-SPG
Description  1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

BTRS-9780-1590-SPG Datasheet(HTML) 1 Page - Optoway Technology Inc

  BTRS-9780-1590-SPG Datasheet HTML 1Page - Optoway Technology Inc BTRS-9780-1590-SPG Datasheet HTML 2Page - Optoway Technology Inc BTRS-9780-1590-SPG Datasheet HTML 3Page - Optoway Technology Inc BTRS-9780-1590-SPG Datasheet HTML 4Page - Optoway Technology Inc BTRS-9780-1590-SPG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Optoway
BTRS-9780-1590G
**********************************************************************************************************************************************************************
**********************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
10/1/2005 V1.0
1
BTRS-9780-1590G / BTRS-9780-1590-SPG
1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
*********************************************************************************************************************************************************************
FEATURES
l Single Fiber WDM Transceiver
l Speed up to 2.67 Gbps
l 1590 nm DFB LD Transmitter
l High Sensitivity 1510 nm APD Receiver
l Distance Up to 40 km
l Single +3.3 V Power Supply
l RoHS Compliant
l PECL Differential Inputs and Outputs
l LVTTL Signal Detect Output
l Wave Solderable and Aqueous Washable
l Class 1 Laser International Safety Standard IEC 60825
Compliant
APPLICATIONS
l WDM OC-48 / STM-16 Links
l SONET/SDH Equipment Interconnect
l Fiber Channel Links
DESCRIPTION
The BTRS-9780-1590G series is high performance module
for single fiber communications by using 1590 nm
transmitter and 1510 nm receiver. The transmitter section
uses a multiple quantum well 1590 nm DFB laser and is a
class 1 laser compliant according to International Safety
Standard IEC 60825. The receiver section uses an integrated
1510 nm detector preamplifier (IDP) mounted in an optical
header and a limiting post-amplifier IC. A PECL logic
interface simplifies interface to external circuitry. LV-TTL
Signal Detect is used.
LASER SAFETY
This single mode transceiver is a Class 1 laser product. It
complies with IEC 60825 and FDA 21 CFR 1040.10 and
1040.11.
The transceiver must be operated within the
specified temperature and voltage limits. The optical ports
of the module shall be terminated with an optical connector
or with a dust plug.
ORDER INFORMATION
P/No.
Speed
(Gb/s)
Distance
(km)
TX
(nm)
RX
(nm)
Voltage
(V)
Package
Temp
(
oC)
TX
Power
(dBm)
RX
Sens.
(dBm)
BTRS-9780-1590G 2.5 / 1.25
80
1590 DFB
1510
3.3
2X5 SC
0 to 70
3 to -2
-28
Absolute Maximum Ratings
Parameter
Symbol
Min
Max
Units
Notes
Storage Temperature
Tstg
-40
85
oC
Operating Temperature
Topr
0
70
oC
Air flow 1m/sec
Soldering Temperature
---
260
oC
10 seconds on leads only
Power Supply Voltage
Vcc
0
3.6
V
Input Voltage
---
GND
Vcc
V
Output Current
Iout
0
30
mA
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Units / Notes
Power Supply Voltage
Vcc
3.13
3.3
3.47
V
Power supply Current
Icc,TX+Icc,RX
220
280
mA
Operating Temperature
Topr
0
70
oC / air flow 1m/sec
Data Rate
0.622
2.488
2.67
Gb/s


Similar Part No. - BTRS-9780-1590-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-9780-1590-SPG OPTOWAY-BTRS-9780-1590-SPG Datasheet
119Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
More results

Similar Description - BTRS-9780-1590-SPG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
BTRS-9780-1510G OPTOWAY-BTRS-9780-1510G Datasheet
118Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-Fiber WDM Transceiver
BTRS-9780-1590G OPTOWAY-BTRS-9780-1590G_09 Datasheet
119Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
BTRS-9780-1510G OPTOWAY-BTRS-9780-1510G_09 Datasheet
119Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps RoHS Compliant Single-FiberWDM Transceiver
SPB-97120-1510G OPTOWAY-SPB-97120-1510G Datasheet
176Kb / 6P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-97120-1590G OPTOWAY-SPB-97120-1590G Datasheet
176Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1590G OPTOWAY-SPB-9780-1590G Datasheet
171Kb / 5P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1590G OPTOWAY-SPB-9780-1590G_08 Datasheet
178Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1510G OPTOWAY-SPB-9780-1510G_08 Datasheet
177Kb / 6P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
SPB-9780-1510G OPTOWAY-SPB-9780-1510G Datasheet
171Kb / 5P
   1510 nm TX / 1590 nm RX , 3.3V / 2.5 Gbps Single-Fiber SFP Transceiver
BTRS-5780-1590G OPTOWAY-BTRS-5780-1590G Datasheet
130Kb / 6P
   1590 nm TX / 1510 nm RX , 3.3V / 622 Mbps RoHS Compliant Single-Fiber Transceiver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com