Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CR54NP-2R2MB Datasheet(PDF) 2 Page - Sumida Corporation

Part # CR54NP-2R2MB
Description  POWER INDUCTORS Type: CR Series>
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CR54NP-2R2MB Datasheet(HTML) 2 Page - Sumida Corporation

  CR54NP-2R2MB Datasheet HTML 1Page - Sumida Corporation CR54NP-2R2MB Datasheet HTML 2Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Type: CR54
Please refer to the sales offices on our website for a representative near you
www.sumida.com
2/2
POWER INDUCTORS <SMD Type: CR Series>
◆ Specification
Part Name
Stamp
Inductance
[Within] (μH)
※1
D.C.R. (Ω)
[MAX.]
(at 20℃)
Rated
Current
(A)※2
S.R.F.
(MHz)
[TYP.]
CR54NP-2R2M□
2R2
2.2 ± 20 %
23.4m
3.84
36.0
CR54NP-2R7M□
2R7
2.7 ± 20 %
26.0m
3.44
32.9
CR54NP-3R3M□
3R3
3.3 ± 20 %
28.6m
3.20
30.5
CR54NP-3R9M□
3R9
3.9 ± 20 %
35.1m
3.00
26.5
CR54NP-4R4M□
4R4
4.4 ± 20 %
39.0m
2.80
24.3
CR54NP-5RØM□
5R0
5.0 ± 20 %
44.2m
2.60
23.1
CR54NP-5R6M□
5R6
5.6 ± 20 %
49.4m
2.48
20.8
CR54NP-6R4M□
6R4
6.4 ± 20 %
52.0m
2.20
20.4
CR54NP-7R6M□
7R6
7.6 ± 20 %
62.4m
2.08
19.6
CR54NP-8R5M□
8R5
8.5 ± 20 %
67.6m
1.84
18.9
CR54NP-1ØØM□
100
10 ± 20 %
0.10
1.44
30.6
CR54NP-12ØM□
120
12 ± 20 %
0.12
1.40
27.7
CR54NP-15ØM□
150
15 ± 20 %
0.14
1.30
25.9
CR54NP-18ØM□
180
18 ± 20 %
0.15
1.23
23.3
CR54NP-22ØM□
220
22 ± 20 %
0.18
1.11
19.5
CR54NP-27ØM□
270
27 ± 20 %
0.20
0.97
17.5
CR54NP-33ØL□
330
33 ± 15 %
0.23
0.88
16.3
CR54NP-39ØL□
390
39 ± 15 %
0.32
0.80
15.8
CR54NP-47ØL□
470
47 ± 15 %
0.37
0.72
13.6
CR54NP-56ØK□
560
56 ± 10 %
0.42
0.68
12.1
CR54NP-68ØK□
680
68 ± 10 %
0.46
0.61
11.7
CR54NP-82ØK□
820
82 ± 10 %
0.60
0.58
10.2
CR54NP-1Ø1K□
101
100 ± 10 %
0.70
0.52
9.24
CR54NP-121K□
121
120 ± 10 %
0.93
0.48
8.61
CR54NP-151K□
151
150 ± 10 %
1.10
0.40
8.28
CR54NP-181K□
181
180 ± 10 %
1.38
0.38
6.42
CR54NP-221K□
221
220 ± 10 %
1.57
0.35
5.73
※ Description of part name
CR54NP-2R2M□
※1.Measuring conditions
2.2μH
8.5μH ;
at
7.96MHz
10μH
82μH
; at 2.52MHz
100μH
220μH ;
at
1 kHz
※2.Rated current: The D.C. current at which the inductance decreases to 90% of it’s initial value or when
△t=40℃, whichever is lower(Ta=20℃).
B Box
C Carrier Tape


Similar Part No. - CR54NP-2R2MB

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
CR54-100 MPS-CR54-100 Datasheet
469Kb / 12P
   1.6MHz Synchronous Step-Down plus 200mA LDO
CR54-100 MPS-CR54-100 Datasheet
448Kb / 10P
   1.7MHz, 600mA Synchronous Step-Down Converter
CR54-100 MPS-CR54-100 Datasheet
270Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
CR54-100 MPS-CR54-100 Datasheet
285Kb / 8P
   1MHz, 800mA Synchronous Step-Down Converter
CR54-100 MPS-CR54-100 Datasheet
298Kb / 8P
   Dual 1.2MHz, 800mA Synchronous Step-Down Converter
More results

Similar Description - CR54NP-2R2MB

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CR32 SUMIDA-CR32 Datasheet
97Kb / 2P
   POWER INDUCTORS
CR105 SUMIDA-CR105 Datasheet
104Kb / 2P
   POWER INDUCTORS
CR5D11 SUMIDA-CR5D11_06 Datasheet
188Kb / 2P
   POWER INDUCTORS
CR43 SUMIDA-CR43 Datasheet
40Kb / 2P
   POWER INDUCTORS
CR75 SUMIDA-CR75_06 Datasheet
160Kb / 2P
   POWER INDUCTORS
RCP-195D SUMIDA-RCP-195D Datasheet
156Kb / 2P
   POWER INDUCTORS
CMD-6L SUMIDA-CMD-6L Datasheet
131Kb / 2P
   Power Inductors
CEP12D38 SUMIDA-CEP12D38_06 Datasheet
158Kb / 2P
   POWER INDUCTORS
CDRH8D43 SUMIDA-CDRH8D43_1 Datasheet
162Kb / 2P
   POWER INDUCTORS < SMD Type: CDRH Series>
CDRH8D38 SUMIDA-CDRH8D38_1 Datasheet
136Kb / 2P
   POWER INDUCTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com