Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HCT2G14 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HCT2G14
Description  Dual inverting Schmitt trigger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HCT2G14 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HCT2G14 Datasheet HTML 5Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 6Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 7Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 8Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 9Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 10Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 11Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 12Page - NXP Semiconductors 74HCT2G14 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74HC_HCT2G14_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 11 October 2006
9 of 19
NXP Semiconductors
74HC2G14; 74HCT2G14
Dual inverting Schmitt trigger
14. Transfer characteristics
Table 12.
Transfer characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 6.
Symbol Parameter
Conditions
25
°C
−40 °C to +125 °C
Unit
Min
Typ
Max
Min
Max
(85
°C)
Max
(125
°C)
74HC2G14
VT+
positive-going
threshold voltage
see Figure 7, Figure 8
VCC = 2.0 V
1.00
1.18
1.50
1.00
1.50
1.50
V
VCC = 4.5 V
2.30
2.60
3.15
2.30
3.15
3.15
V
VCC = 6.0 V
3.00
3.46
4.20
3.00
4.20
4.20
V
VT−
negative-going
threshold voltage
see Figure 7, Figure 8
VCC = 2.0 V
0.30
0.60
0.90
0.30
0.90
0.90
V
VCC = 4.5 V
1.13
1.47
2.00
1.13
2.00
2.00
V
VCC = 6.0 V
1.50
2.06
2.60
1.50
2.60
2.60
V
VH
hysteresis voltage
(VT+ − VT−); see Figure 7,
Figure 8 and Figure 9
VCC = 2.0 V
0.30
0.60
1.00
0.30
1.00
1.00
V
VCC = 4.5 V
0.60
1.13
1.40
0.60
1.40
1.40
V
VCC = 6.0 V
0.80
1.40
1.70
0.80
1.70
1.70
V
74HCT2G14
VT+
positive-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
1.20
1.58
1.90
1.20
1.90
1.90
V
VCC = 5.5 V
1.40
1.78
2.10
1.40
2.10
2.10
V
VT−
negative-going
threshold voltage
see Figure 7 and Figure 8
VCC = 4.5 V
0.50
0.87
1.20
0.50
1.20
1.20
V
VCC = 5.5 V
0.60
1.11
1.40
0.60
1.40
1.40
V
VH
hysteresis voltage
(VT+ − VT−); see Figure 7,
Figure 8 and Figure 10
VCC = 4.5 V
0.40
0.71
-
0.40
-
-
V
VCC = 5.5 V
0.40
0.67
-
0.40
-
-
V


Similar Part No. - 74HCT2G14

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HCT2G14 NEXPERIA-74HCT2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
logo
NXP Semiconductors
74HCT2G14GV PHILIPS-74HCT2G14GV Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
logo
Nexperia B.V. All right...
74HCT2G14GV NEXPERIA-74HCT2G14GV Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HCT2G14GV-Q100 NEXPERIA-74HCT2G14GV-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HCT2G14GW PHILIPS-74HCT2G14GW Datasheet
71Kb / 17P
   Inverting Schmitt-triggers
2003 May 1
More results

Similar Description - 74HCT2G14

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC_HCT2G14 PHILIPS-74HC_HCT2G14_15 Datasheet
141Kb / 21P
   Dual inverting Schmitt trigger
Rev. 2-14 March 2014
logo
Nexperia B.V. All right...
74HC2G14 NEXPERIA-74HC2G14 Datasheet
260Kb / 16P
   Dual inverting Schmitt trigger
Rev. 3 - 28 January 2022
74HC2G14-Q100 NEXPERIA-74HC2G14-Q100 Datasheet
803Kb / 21P
   Dual inverting Schmitt trigger
logo
NXP Semiconductors
74HC2G17 PHILIPS-74HC2G17 Datasheet
96Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
74HC_HCT2G17 PHILIPS-74HC_HCT2G17_15 Datasheet
104Kb / 18P
   Dual non-inverting Schmitt trigger
Rev. 01-6 October 2006
logo
Nexperia B.V. All right...
74HC2G17 NEXPERIA-74HC2G17 Datasheet
252Kb / 15P
   Dual non-inverting Schmitt trigger
Rev. 2 - 2 February 2022
74HC2G17-Q100 NEXPERIA-74HC2G17-Q100 Datasheet
721Kb / 19P
   Dual non-inverting Schmitt trigger
logo
NXP Semiconductors
74AHC1G14 NXP-74AHC1G14 Datasheet
105Kb / 15P
   Inverting Schmitt trigger
Rev. 06 ??18 May 2009
logo
Nexperia B.V. All right...
74AHC1G14 NEXPERIA-74AHC1G14 Datasheet
261Kb / 14P
   Inverting Schmitt trigger
Rev. 10 - 12 January 2022
XC7SET14 NEXPERIA-XC7SET14 Datasheet
227Kb / 12P
   Inverting Schmitt trigger
Rev. 2 - 14 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com