Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

16FL10S02 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # 16FL10S02
Description  Fast Recovery Rectifier
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

16FL10S02 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  16FL10S02 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
16FL Series
Fast Recovery Rectifier
V
RRM = 50-1000V, IF(AV) = 16Amp,VF = 1.4V
(Anode to Stud add Suffix R)
Symbol
K
A
Cathode to Stud Shown
DIMENSIONS
Millimetres
Inches
Dim
Min
Min
Max
Max
a
b
c
d
e
f
g
h
j
k
0.424
0.437
10.77 11.20
0.020
0.065
0.51
1.65
12.82
0.505
0.310
7.87
0.413
10.49
0.060
0.100
1.53
2.54
0.075
0.175
1.91
4.44
10 -32 UNF3A
0.600
0.820 15.24
20.82
0.422
0.453 10.72
11.50
m
0.405
10.29
b
c
d
e
f
g
h
j
k
m
MetalCase
DO-4
Polarity Symbol
a
50
100
200
400
600
800
1000
Maximum Storage Temperature Range
Maximum Average On-State Current
IF(AV)
Peak Forward Surge Current 8.3mS
IFSM
MAXIMUM RATINGS
Parameter
Symbol
(Tj = 25 C unless stated otherwise)
Repetitive Peak Reverse Voltage
VRRM
16FL5S02
16FL5S05
16FL5S10
Maximum Junction Temperature Range
Tj
T
(STG)
16.0
190
Maximum I 2T for Fusing 8.3ms
I 2 T
Volt
Unit
Amp
Amp
O
C
O
C
A2/S
150
-65 to +175
-65 to +150
16FL10S02
16FL10S05
16FL10S10
16FL20S02
16FL20S05
16FL20S1
0
16FL40S02
16FL40S05
16FL40S10
16FL60S02
16FL60S05
16FL60S10
16FL80S05
16FL80S10
16FL100S05
16FL100S1
0
µA
Thermal Resistance (Junction to Case)
ELECTRICAL CHARACTERISICS at
Tj = 25 C Maximum. Unless stated Otherwise
Parameter
Unit
Symbol
Value
Typ
Min
Max
Maximum Forward Voltage
Repetitive Peak Off- State Current
50
Volt
1.6
VFM
IDRM
NM
Mounting Torque
Weight
MT
1.2
grms
Wt
Condition
I
FM =16 Amps
R
TH (J-c)
O
C/W
1.4
VR = VRRM
7.0
Reverse Recovery Time for S02
tRR
nS
90
Reverse Recovery Time for S05
Reverse Recovery Time for S10
t
RR
t
RR
nS
nS
225
390


Similar Part No. - 16FL10S02

ManufacturerPart #DatasheetDescription
logo
International Rectifier
16FL10S02 IRF-16FL10S02 Datasheet
315Kb / 8P
   6A, 12A AND 16A FAST RECOVERY RECTIFIERS
More results

Similar Description - 16FL10S02

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com