Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LQR2G821MSEC Datasheet(PDF) 2 Page - Nichicon corporation

Part # LQR2G821MSEC
Description  ALUMINUM ELECTROLYTIC CAPACITORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

LQR2G821MSEC Datasheet(HTML) 2 Page - Nichicon corporation

  LQR2G821MSEC Datasheet HTML 1Page - Nichicon corporation LQR2G821MSEC Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAT.8100V
ALUMINUM ELECTROLYTIC CAPACITORS
QR
series
820
1000
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
35
×80
35
×100
51
×80
51
×100
51
×110
63.5
×80
51
×130
63.5
×90
63.5
×110
76.2
×80
51
×170
76.2
×900
63.5
×150
76.2
×110
63.5
×170
76.2
×130
90
×100
63.5
×190
76.2
×150
76.2
×170
90
×130
76.2
×190
90
×190
3.3
4.3
7.2
9.1
10.8
10.6
12.4
11.9
14.6
14.1
17.0
16.4
20.4
19.7
23.5
22.9
22.5
27.1
26.4
31.1
30.2
35.7
40.5
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
1.60
1.77
2.38
2.63
2.91
2.91
3.22
3.22
3.50
3.50
3.84
3.84
4.20
4.20
4.62
4.62
4.62
5.00
5.00
5.00
5.00
5.00
5.00
LQR2V821MSEC
LQR2V102MSEC
LQR2V182MSEF
LQR2V222MSEF
LQR2V272MSEF
LQR2V272MSEG
LQR2V332MSEF
LQR2V332MSEG
LQR2V392MSEG
LQR2V392MSEH
LQR2V472MSEF
LQR2V472MSEH
LQR2V562MSEG
LQR2V562MSEH
LQR2V682MSEG
LQR2V682MSEH
LQR2V682MSEJ
LQR2V822MSEG
LQR2V822MSEH
LQR2V103MSEH
LQR2V103MSEJ
LQR2V123MSEH
LQR2V153MSEJ
350V (2V)
400V
680
820
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
15000
35
×80
35
×100
51
×80
51
×90
51
×110
63.5
×900
51
×150
63.5
×110
63.5
×130
76.2
×900
63.5
×150
76.2
×110
63.5
×170
76.2
×130
76.2
×150
76.2
×170
90
×130
90
×150
90
×170
90
×220
3.2
4.1
7.5
9.1
10.4
11.5
13.7
13.2
16.0
15.3
18.7
18.3
22.0
21.4
25.4
28.6
27.8
32.7
37.6
43.0
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
1.56
1.71
2.32
2.54
2.81
3.11
3.44
3.44
3.74
3.74
4.11
4.11
4.48
4.48
4.94
5.00
5.00
5.00
5.00
5.00
LQR2G681MSEC
LQR2G821MSEC
LQR2G152MSEF
LQR2G182MSEF
LQR2G222MSEF
LQR2G272MSEG
LQR2G332MSEF
LQR2G332MSEG
LQR2G392MSEG
LQR2G392MSEH
LQR2G472MSEG
LQR2G472MSEH
LQR2G562MSEG
LQR2G562MSEH
LQR2G682MSEH
LQR2G822MSEH
LQR2G822MSEJ
LQR2G103MSEJ
LQR2G123MSEJ
LQR2G153MSEJ
450V
400V (2G)
680
820
1200
1500
1800
2200
2700
3300
3900
4700
5600
6800
8200
10000
12000
35
×100
35
×110
51
×80
51
×100
51
×110
63.5
×80
51
×130
63.5
×100
51
×150
76.2
×80
63.5
×130
76.2
×100
63.5
×150
76.2
×110
90
×90
63.5
×170
76.2
×130
90
×110
63.5
×190
90
×130
76.2
×170
90
×150
90
×190
90
×220
3.5
3.9
5.2
6.3
7.4
7.9
8.7
8.6
10.2
10.0
12.4
11.8
13.7
14.1
13.6
16.5
16.3
15.8
19.4
19.1
23.3
26.1
31.3
35.5
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
0.15
1.65
1.82
2.20
2.46
2.70
2.70
2.98
2.98
3.30
3.30
3.65
3.65
3.97
3.97
3.97
4.36
4.36
4.36
4.76
4.76
5.00
5.00
5.00
5.00
LQR2W681MSEC
LQR2W821MSEC
LQR2W122MSEF
LQR2W152MSEF
LQR2W182MSEF
LQR2W182MSEG
LQR2W222MSEF
LQR2W222MSEG
LQR2W272MSEF
LQR2W272MSEH
LQR2W332MSEG
LQR2W332MSEH
LQR2W392MSEG
LQR2W392MSEH
LQR2W392MSEJ
LQR2W472MSEG
LQR2W472MSEH
LQR2W472MSEJ
LQR2W562MSEG
LQR2W562MSEJ
LQR2W682MSEH
LQR2W822MSEJ
LQR2W103MSEJ
LQR2W123MSEJ
500V
450V (2W)
Dimensions
Rated
ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
V (code)
Surge
V (code)
Surge
V (code)
Surge
Rated
ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated
ripple
(Arms)
tan
δ
Leakage Current
(mA)
Code
Size
φD
× L(mm)
Cap.
(µF)
Rated Ripple (Arms) at 85°C 120Hz
Frequency coefficient of rated ripple current
Coefficient
0.82
1.00
1.20
1.35
1.40
Frequency (Hz)
60
120
360
1k
10k~


Similar Description - LQR2G821MSEC

ManufacturerPart #DatasheetDescription
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com