Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA317HV Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # KA317HV
Description  3-Terminal Positive Adjustable Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA317HV Datasheet(HTML) 4 Page - Fairchild Semiconductor

  KA317HV Datasheet HTML 1Page - Fairchild Semiconductor KA317HV Datasheet HTML 2Page - Fairchild Semiconductor KA317HV Datasheet HTML 3Page - Fairchild Semiconductor KA317HV Datasheet HTML 4Page - Fairchild Semiconductor KA317HV Datasheet HTML 5Page - Fairchild Semiconductor KA317HV Datasheet HTML 6Page - Fairchild Semiconductor KA317HV Datasheet HTML 7Page - Fairchild Semiconductor KA317HV Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
KA317HV
4
Typical Application
Figure 5. Programmable Regulator
Ci is required when regulator is located an appreciable distance from power supply filter.
Co is not needed for stability, however, it does improve transient response.
Since IADJ is controlled to less than 100µA, the error associated with this term is negligible in most applications.
VI
KA317
Ci
0. 1
µµµµF
VI
Vo
Vadj
R2
Iadj
VO = 1.25V (1+ R 2/ R1)+Iadj R2
R1
Iadj
Co
1
µµµµF
Input
Output
KA317HV


Similar Part No. - KA317HV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA317 FAIRCHILD-KA317 Datasheet
67Kb / 6P
   Adjustable Voltage Regulator (Positive)
KA317 FAIRCHILD-KA317 Datasheet
36Kb / 5P
   3-Terminal 0.1A Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
   3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
106Kb / 6P
   3-Terminal Positive Adjustable Regulator
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
   3-Terminal Positive Adjustable Regulator
More results

Similar Description - KA317HV

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
LM317AHV FAIRCHILD-LM317AHV Datasheet
47Kb / 6P
   3-Terminal Positive Adjustable Regulator
LM317AHV FAIRCHILD-LM317AHV_09 Datasheet
132Kb / 6P
   3-Terminal Positive Adjustable Regulator
logo
Tiger Electronic Co.,Lt...
LM317S TGS-LM317S Datasheet
109Kb / 1P
   3-Terminal Positive Adjustable Regulator
logo
NEC
UPC317 NEC-UPC317 Datasheet
71Kb / 6P
   3-TERMINAL POSITIVE ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317MDT TGS-LM317MDT Datasheet
51Kb / 1P
   3-Terminal Positive Adjustable Regulator
LM317T TGS-LM317T Datasheet
76Kb / 1P
   3-Terminal Positive Adjustable Regulator
logo
Fairchild Semiconductor
KA317AHV FAIRCHILD-KA317AHV Datasheet
47Kb / 6P
   3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317 Datasheet
49Kb / 8P
   3-Terminal Positive Adjustable Regulator
KA317 FAIRCHILD-KA317_09 Datasheet
106Kb / 6P
   3-Terminal Positive Adjustable Regulator
KA317TU FAIRCHILD-KA317TU Datasheet
106Kb / 6P
   3-Terminal Positive Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com