Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRK196-04 Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # IRK196-04
Description  Power Module 195 Amp
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

IRK196-04 Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  IRK196-04 Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
IRK.. 196 Series
Power Module
195 Amp
ELECTRICAL CHARACTERISICS at 25 OC Maximum Unless Stated Otherwise
Parameter
Unit
Symbol
Value
Typ
Min
Max
Maximum Forward Voltage
Volt
VFM
Repetitive Peak Off- State Current at TC=150OC
mA
20.0
IRRM
Condition
1.38
Thermal Resistance (Junction to Case)
0.20
NM
Mounting Torque
Weight
MT
6.0
grms
Wt
R
TH (J-c)
O
C/W
200
V
R = VRRM ,
2
3
1
Case Style :
Triple Flatop
IRK (*)
196-04
MAXIMUM RATINGS
Parameter
(Tj = 25 OC unless stated otherwise)
Repetitive Peak Reverse Voltage
400
800
1200
1400
1600
Symbol
VRRM
Volt
Unit
Maximum Storage Temperature Range
Maximum Average On-State Current
Peak Forward Surge Current 8.3 mS
Maximum Junction Temperature Range
195 at TC=100OC
4980
Maximum I 2T for Fusing
IF(AV)
IFSM
Tj
T
(STG)
I 2 T
Amp
Amp
O
C
O
C
A2/S
-40 to +150
103
* Insert "D" "C" "J" or "E" for circuit configuration
IRK (*)
196-08
IRK (*)
196-12
IRK (*)
196-14
IRK (*)
196-16
Maximum RMS On-State Current
IF(RMS)
Amp
305
-40 to +150
Third Angle Projection
9.0
(0.33)
28.0
(1.10)
30.0
(1.18)
37.0
(1.44)
12
3
94
(3.70)
66
(2.60)
6.5
(0.25)
Dia
35
(1.38)
14.5
(0.57)
17
(0.67)
23
(0.91)
23
(0.91)
Mechanical Dimensions
IRKD
3
1
2
IRKC
IRKJ
IRKE
1
2
3
1
2
3
1
2
3 x M6


Similar Part No. - IRK196-04

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
logo
TRANSYS Electronics Lim...
IRK166-04 TEL-IRK166-04 Datasheet
261Kb / 1P
   Power Module 165 Amp
IRK166-08 TEL-IRK166-08 Datasheet
261Kb / 1P
   Power Module 165 Amp
IRK166-12 TEL-IRK166-12 Datasheet
261Kb / 1P
   Power Module 165 Amp
IRK166-14 TEL-IRK166-14 Datasheet
261Kb / 1P
   Power Module 165 Amp
More results

Similar Description - IRK196-04

ManufacturerPart #DatasheetDescription
logo
Naina Semiconductor ltd...
NDD162 NAINA-NDD162 Datasheet
205Kb / 3P
   Diode-Diode Module, 195 Amps
NDD162C NAINA-NDD162C Datasheet
203Kb / 3P
   Diode-Diode Module, 195 Amps
logo
New Jersey Semi-Conduct...
D64VS3 NJSEMI-D64VS3 Datasheet
804Kb / 2P
   300-400 VOLTS 15 AMP, 195 WATTS
logo
TRANSYS Electronics Lim...
IRK270-04 TEL-IRK270-04 Datasheet
185Kb / 1P
   Power Module 270 Amp
IRK91-04 TEL-IRK91-04 Datasheet
192Kb / 1P
   Power Module 100 Amp
IRK320-04 TEL-IRK320-04 Datasheet
185Kb / 1P
   Power Module 320 Amp
IRK56-04 TEL-IRK56-04 Datasheet
192Kb / 1P
   Power Module 60 Amp
IRK71-04 TEL-IRK71-04 Datasheet
192Kb / 1P
   Power Module 80 Amp
IRK166-04 TEL-IRK166-04 Datasheet
261Kb / 1P
   Power Module 165 Amp
IRK236 TEL-IRK236 Datasheet
262Kb / 1P
   Power Module 230 Amp
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com