Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SD700C Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # SD700C
Description  STANDARD RECOVERY DIODE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

SD700C Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  SD700C Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SD700C(*)L Series
STANDARD RECOVERY DIODE
IF(AV) = 700 A ,
Case: B-Puk
ELECTRICAL CHARACTERISICS at 25 OC Maximum Unless Stated
Otherwise
Parameter
Unit
Symbol
Value
Typ
Min
Max
Maximum Forward Voltage
Volt
VFM
Repetitive Peak Off- State Current at TC=175OC
mA
50.0
IRRM
Condition
Ipk = 1000 Amps
1.66
Thermal Resistance (Junction toHeatsink)
0.11
NM
Mounting Torque
Weight
MT
9800
grms
Wt
RTH (J-h)
O
C/W
250
V
R = VRRM
SD700C
30L
Maximum Storage Temperature Range
Maximum Average On-State Current
Peak Forward Surge Current
MAXIMUM RATINGS
Parameter
(Tj = 25 OC unless stated otherwise)
Repetitive Peak Reverse Voltage
Maximum Junction Temperature Range
3000
3600
4000
4500
700 at TC=55OC
7850
Maximum I 2T for Fusing
IF(AV)
IFSM
Symbol
VRRM
Tj
T
(STG)
I 2 T
Volt
Unit
Amp
Amp
O
C
O
C
A2/S
-55 to +200
-40 to +150
257
SD700C
36L
SD700C
40L
SD700C
45L
2.30(58.5) Dia
0.14(3.50) Dia x 0.07(1.8) Deep
1.34(34.0)
0.03(0.8)
1.34(34.0)
1.06(26.9) Max
1.0(25.4) Min
All Dimensions in Inches (Millimeters)
Third Angle Projection
Mechanical Dimensions
2.09(53.5)


Similar Part No. - SD700C

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SD700C IRF-SD700C Datasheet
175Kb / 6P
   STANDARD RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD700C30L VISHAY-SD700C30L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
SD700C30L VISHAY-SD700C30L Datasheet
138Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
SD700C30L VISHAY-SD700C30L_12 Datasheet
138Kb / 7P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
SD700C36L VISHAY-SD700C36L Datasheet
124Kb / 6P
   Standard Recovery Diodes (Hockey PUK Version), 700 A
Revision: 14-May-08
More results

Similar Description - SD700C

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
16F-10 TEL-16F-10 Datasheet
161Kb / 1P
   STANDARD RECOVERY DIODE
50PF-40 TEL-50PF-40 Datasheet
202Kb / 1P
   STANDARD RECOVERY DIODE
logo
Nell Semiconductor Co.,...
D1400B NELLSEMI-D1400B Datasheet
3Mb / 3P
   STANDARD RECOVERY DIODE
logo
Nihon Inter Electronics...
EP05DA40 NIEC-EP05DA40 Datasheet
138Kb / 1P
   Standard Recovery Diode
logo
National Instruments Co...
10DDA40_2015 NI-10DDA40_2015 Datasheet
138Kb / 1P
   Standard Recovery Diode
10DDA60_2015 NI-10DDA60_2015 Datasheet
146Kb / 1P
   Standard Recovery Diode
10EDB10_2015 NI-10EDB10_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10EDB20_2015 NI-10EDB20_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10EDB60_2015 NI-10EDB60_2015 Datasheet
136Kb / 1P
   Standard Recovery Diode
10JDA10_2015 NI-10JDA10_2015 Datasheet
141Kb / 1P
   Standard Recovery Diode
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com