Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PD-3500-T Datasheet(PDF) 2 Page - Optoway Technology Inc

Part # PD-3500-T
Description  InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH RECEPTACLE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

PD-3500-T Datasheet(HTML) 2 Page - Optoway Technology Inc

  PD-3500-T Datasheet HTML 1Page - Optoway Technology Inc PD-3500-T Datasheet HTML 2Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Optoway
PD-1500
****************************************************************************************************************************************************************
****************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax:886-3-5979737
E-mail: sales@optoway.com.tw
ttp: // www.optoway.com.tw
1/3/2002
V1.0
MECHANICAL DIMENSION (mm) and PIN ASSIGNMENT
Thru Holes 2.2 dia.
Note: 1. Specifications subject to change without notice.
2. Other PIN assignment is available upon request.
ORDER INFORMATION
Part No.: P
D
− 1
5
0
0
− □ □
Code
Wavelength
Code
Connector Type
1
1310/1550 nm
F
FC/PC
3
1310 nm
FB
FC/PC (Board Mount)
5
1550 nm
T
ST/PC
8
850 nm
S
SC/PC
SB
SC/PC (Board Mount)


Similar Part No. - PD-3500-T

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-3500-T OPTOWAY-PD-3500-T Datasheet
76Kb / 2P
   GaAs PIN PD MODULES GaAs PIN PHOTODIODE WITH RECEPTACLE
More results

Similar Description - PD-3500-T

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
PD-1310 OPTOWAY-PD-1310 Datasheet
71Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH SINGLE-MODE FIBER PIGTAIL
logo
Source Photonics, Inc.
R-11-075-R-SFC SOURCE-R-11-075-R-SFC Datasheet
336Kb / 4P
   InGaAs PIN Photodiode Modules
logo
List of Unclassifed Man...
R-11-055 ETC2-R-11-055 Datasheet
330Kb / 4P
   InGaAs PIN Photodiode Modules
logo
Optoway Technology Inc
PD-1300 OPTOWAY-PD-1300 Datasheet
70Kb / 2P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH GI-50 MULTI-MODE PIGTAIL
logo
Source Photonics, Inc.
PDR-C3-ASSTAN SOURCE-PDR-C3-ASSTAN Datasheet
473Kb / 3P
   InGaAs PIN Photodiode Modules
R-11-300-P-SFC SOURCE-R-11-300-P-SFC Datasheet
464Kb / 4P
   InGaAs PIN Photodiode Modules
logo
Optoway Technology Inc
PD-1320 OPTOWAY-PD-1320 Datasheet
130Kb / 3P
   InGaAs PIN PD MODULES InGaAs PIN PHOTODIODE WITH 62.5/125 um MULTI-MODE PIGTAIL
logo
List of Unclassifed Man...
PD1450-35T52 ETC-PD1450-35T52 Datasheet
25Kb / 1P
   InGaAs PIN-PD
logo
Hamamatsu Corporation
G8376 HAMAMATSU-G8376_06 Datasheet
182Kb / 2P
   InGaAs PIN photodiode
G8195 HAMAMATSU-G8195 Datasheet
130Kb / 2P
   InGaAs PIN photodiode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com