Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP41A Datasheet(PDF) 1 Page - TRANSYS Electronics Limited

Part # TIP41A
Description  Plastic-Encapsulated Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEL [TRANSYS Electronics Limited]
Direct Link  http://www.transyselectronics.com
Logo TEL - TRANSYS Electronics Limited

TIP41A Datasheet(HTML) 1 Page - TRANSYS Electronics Limited

  TIP41A Datasheet HTML 1Page - TRANSYS Electronics Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220 Plastic-Encapsulate
d Transistors
TIP41A/41B/41C
TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
2
W (Tamb=25
℃)
Collector current
ICM:
6
A
Collector-base voltage
V(BR)CBO: TIP41A : 60
V
TIP41B : 80
V
TIP41C : 100 V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
41A
Collector-base breakdown voltage
41B
41C
V(BR)CBO
Ic= 1mA, IE=0
60
80
100
V
41A
Collector-emitter breakdown voltage
41B
41C
V(BR)CEO
Ic= 30mA, IB=0
60
80
100
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 1mA, IC=0
5
V
41A
Collector cut-off current
41B
41C
ICBO
VCB=60V, IE=0
VCB=80V, IE=0
VCB=100V, IE=0
0.4
mA
41A
Collector cut-off current
41B
41C
ICEO
VCE= 30V, IB= 0
VCE= 30V, IB= 0
VCE= 60V, IB= 0
0.7
mA
Emitter cut-off current
IEBO
VEB=5V, IC=0
1
mA
hFE(1)
VCE= 4V, IC= 0.3A
30
DC current gain
hFE(2)
VCE=4 V, IC= 3A
15
75
Collector-emitter saturation voltage
VCE(sat)
IC=6A, IB=0.6A
1.5
V
Base-emitter voltage
VBE(on
VCE= 4V, IC=6A
2
V
Transition frequency
fT
VCE=10V , IC=0.5A
f =1MHz
3
MHZ
1 2 3
TO-220
1. BASE
2. COLLECTOR
3. EMITTER
Transys
Electronics
LI M ITE D


Similar Part No. - TIP41A

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP41A MOSPEC-TIP41A Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Micro Commercial Compon...
TIP41A MCC-TIP41A Datasheet
189Kb / 2P
   Silicon NPN Power Transistors
logo
Guangdong Kexin Industr...
TIP41A KEXIN-TIP41A Datasheet
1Mb / 3P
   NPN Transistors
logo
Motorola, Inc
TIP41A MOTOROLA-TIP41A Datasheet
222Kb / 6P
   POWER TRANSISTORS COMPLEMENTARY SILICON
logo
Weitron Technology
TIP41A WEITRON-TIP41A Datasheet
161Kb / 3P
   NPN Silicon Power Transistor
More results

Similar Description - TIP41A

ManufacturerPart #DatasheetDescription
logo
TRANSYS Electronics Lim...
3DD13001 TEL-3DD13001 Datasheet
57Kb / 2P
   Plastic-Encapsulated Transistors
3DD13005 TEL-3DD13005 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
TIP31 TEL-TIP31 Datasheet
58Kb / 1P
   Plastic-Encapsulated Transistors
2SD2583 TEL-2SD2583 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
BD135 TEL-BD135 Datasheet
56Kb / 1P
   Plastic-Encapsulated Transistors
2SA562 TEL-2SA562 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
2SA608S TEL-2SA608S Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA812 TEL-2SA812 Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
2SA933AS TEL-2SA933AS Datasheet
64Kb / 1P
   Plastic-Encapsulated Transistors
2SA940 TEL-2SA940 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
2SA1235A TEL-2SA1235A Datasheet
69Kb / 1P
   Plastic-Encapsulated Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com