Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMXW306 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW306
Description  SAW PASSBAND Filter - Remote Control - RF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW306 Datasheet(HTML) 2 Page - TEMEX

  TMXW306 Datasheet HTML 1Page - TEMEX TMXW306 Datasheet HTML 2Page - TEMEX TMXW306 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMX W306
SAW PASSBAND Filter – Remote Control - RF
Specification (Rev 1)
March 17
th, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single ended)
-
50
(2)
-
Load Impedance (single ended)
-
50
(2)
-
Center Frequency fo
MHz
-
916
-
Absolute Attenuation
20 MHz to 850 MHz
dB
50
55
-
850 MHz to 900 MHz
dB
40
45
-
900 MHz to 902 MHz
dB
35
40
-
929 MHz to 933 MHz
dB
25
30
-
950 MHz to 1000 MHz
dB
40
50
-
1000 MHz to 1500 MHz
dB
40
45
-
Maximum Insertion Loss in 915 MHz-917 MHz
dB
-
2.8
4.0
Ripple in 915 MHz-917 MHz
dB
-
0.2
1.0
Package type & size
Length x Width
mm²
-
3.0 x 3.0
-
Height
mm
-
1.3
1.35
Pin Out
Input
1
Output
2
Case Ground
3
To Be Grounded
3
Notes :
(1)
Typical values are nominal performances at room temperature
(2)
No external matching circuit is required
50
Ω / 50 Ω CONFIGURATION
Input
50
Single
Output
50
Single
GND
Maximum Ratings
Rating
Unit
Value
Operating Temperature Range
TA
-20 to +50
°C
Storage Temperature Range
-40 to +85
°C
Input Power
15
dBm


Similar Part No. - TMXW306

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW310 TEMEX-TMXW310 Datasheet
401Kb / 3P
   SAW Passband Filter - MOBILE COMMUNICATION - IF
TMXW311 TEMEX-TMXW311 Datasheet
304Kb / 5P
   SAW Bandpass Filter - PCS1900 Rx - RF
TMXW312 TEMEX-TMXW312 Datasheet
349Kb / 5P
   SAW Bandpass Filter -GPS - RF
TMXW313 TEMEX-TMXW313 Datasheet
278Kb / 5P
   SAW Bandpass Filter - DCS1800 Rx - RF
TMXW315 TEMEX-TMXW315 Datasheet
302Kb / 5P
   SAW Bandpass Filter - DCS1800 Rx - RF
More results

Similar Description - TMXW306

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW339 TEMEX-TMXW339 Datasheet
345Kb / 3P
   SAW Passband Filter - REMOTE CONTROL - RF
TMXW341 TEMEX-TMXW341 Datasheet
379Kb / 3P
   SAW Passband Filter - REMOTE CONTROL - RF
TMXU392 TEMEX-TMXU392 Datasheet
303Kb / 3P
   SAW Passband Filter - Remote Control - RF
logo
Oscilent Corporation
805-RF434.42M-B OSCILENT-805-RF434.42M-B Datasheet
203Kb / 2P
   Remote Control, RF SAW Filter
805-RF315.0M-A OSCILENT-805-RF315.0M-A_14 Datasheet
123Kb / 4P
   Remote Control, RF SAW Filter
863-RF315.0M-A OSCILENT-863-RF315.0M-A Datasheet
193Kb / 2P
   Remote Control, RF SAW Filter
logo
Transko Electronics, In...
TA836MM TRANSKO-TA836MM Datasheet
421Kb / 4P
   Remote Control, RF SAW Filter
Revision 0: November 2011
TA868AK TRANSKO-TA868AK Datasheet
379Kb / 3P
   Remote Control, RF SAW Filter
Revision0: May 2005
TA868FP1 TRANSKO-TA868FP1 Datasheet
326Kb / 3P
   Remote Control, RF SAW Filter
Revision 0: July 2008
TA924AP TRANSKO-TA924AP Datasheet
304Kb / 4P
   Remote Control, RF SAW Filter
Revision 0: October 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com