Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1362 Datasheet(PDF) 11 Page - ams AG

Part # AS1362
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1362 Datasheet(HTML) 11 Page - ams AG

Back Button AS1362 Datasheet HTML 5Page - ams AG AS1362 Datasheet HTML 6Page - ams AG AS1362 Datasheet HTML 7Page - ams AG AS1362 Datasheet HTML 8Page - ams AG AS1362 Datasheet HTML 9Page - ams AG AS1362 Datasheet HTML 10Page - ams AG AS1362 Datasheet HTML 11Page - ams AG AS1362 Datasheet HTML 12Page - ams AG AS1362 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
11 - 13
AS1361/AS1362
Data Sheet - P a c k age Drawin gs an d Ma rkings
10 Package Drawings and Markings
The devices are available in a TSOT23 6-pin package.
Figure 19. TSOT23 6-pin Package
Notes:
1. Dimensioning and tolerancing conform to ASME Y14.5M - 1994.
2. Dimensions are in millimeters.
3. Dimension D does not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, and gate burrs shall
not exceed 0.15mm per end. Dimension E1 does not include interlead flash or protrusion. Interlead flash or pro-
trusion shall not exceed 0.15mm per side. Dimensions D and E1 are determined at datum H.
4. The package top can be smaller than the package bottom. Dimensions D and E1 are determined at the outer-
most extremes of the plastic body exclusive of mold flash, tie bar burrs, gate burrs, and interlead flash, but
include any mistmatches between the top of the package body and the bottom. D and E1 are determined at
datum H.
Symbol
Min
Typ
Max
Notes
Symbol
Min
Typ
Max
Notes
A
1.00
L
0.30
0.40
0.50
A1
0.01
0.05
0.10
L1
0.60REF
A2
0.84
0.87
0.90
L2
0.25BSC
b
0.30
0.45
N
6
b1
0.31
0.35
0.39
R
0.10
c
0.12
0.15
0.20
R1
0.10
0.25
c1
0.08
0.13
0.16
θ
D
2.90BSC
3,4
θ1
10º
12º
E
2.80BSC
3,4
Tolerances of Form and Position
E1
1.60BSC
3,4
aaa
0.15
e
0.95BSC
bbb
0.25
e1
1.90BSC
ccc
0.10
ddd
0.20


Similar Part No. - AS1362

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1362 AMSCO-AS1362 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1362-BTTT-15 AMSCO-AS1362-BTTT-15 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1362-BTTT-18 AMSCO-AS1362-BTTT-18 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1362-BTTT-25 AMSCO-AS1362-BTTT-25 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1362-BTTT-26 AMSCO-AS1362-BTTT-26 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
More results

Similar Description - AS1362

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com