Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRS2336DJPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRS2336DJPBF
Description  HIGH VOLTAGE 3 PHASE GATE DRIVER IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRS2336DJPBF Datasheet(HTML) 5 Page - International Rectifier

  IRS2336DJPBF Datasheet HTML 1Page - International Rectifier IRS2336DJPBF Datasheet HTML 2Page - International Rectifier IRS2336DJPBF Datasheet HTML 3Page - International Rectifier IRS2336DJPBF Datasheet HTML 4Page - International Rectifier IRS2336DJPBF Datasheet HTML 5Page - International Rectifier IRS2336DJPBF Datasheet HTML 6Page - International Rectifier IRS2336DJPBF Datasheet HTML 7Page - International Rectifier IRS2336DJPBF Datasheet HTML 8Page - International Rectifier IRS2336DJPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
IRS2336xD Family
www.irf.com
© 2007 International Rectifier
5
Qualification Information
Industrial
††
(per JEDEC JESD 47E)
Qualification Level
Comments: This family of ICs has passed JEDEC’s
Industrial qualification. IR’s Consumer qualification level is
granted by extension of the higher Industrial level.
SOIC28W
PLCC44
MSL3
†††
(per IPC/JEDEC J-STD-020C)
Moisture Sensitivity Level
PDIP28
Not applicable
(non-surface mount package style)
Machine Model
Class B
(per JEDEC standard JESD22-A114D)
Human Body Model
Class 2
(per EIA/JEDEC standard EIA/JESD22-A115-A)
ESD
Charged Device Model
Class IV
(per JEDEC standard JESD22-C101C)
IC Latch-Up Test
Class I, Level A
(per JESD78A)
RoHS Compliant
Yes
Qualification standards can be found at International Rectifier’s web site http://www.irf.com/
††
Higher qualification ratings may be available should the user have such requirements. Please contact your
International Rectifier sales representative for further information.
††† Higher MSL ratings may be available for the specific package types listed here. Please contact your
International Rectifier sales representative for further information.


Similar Part No. - IRS2336DJPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336DJPBF IRF-IRS2336DJPBF Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336DJPBF INFINEON-IRS2336DJPBF Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
More results

Similar Description - IRS2336DJPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2336 IRF-IRS2336 Datasheet
907Kb / 47P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Infineon Technologies A...
IRS2336 INFINEON-IRS2336 Datasheet
2Mb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
April 26, 2011
logo
Alpha & Omega Semicondu...
AGD8136A AOSMD-AGD8136A Datasheet
1Mb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev.1.3 October 2018
logo
International Rectifier
IRS2336 IRF-IRS2336_15 Datasheet
996Kb / 49P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC
logo
Alpha & Omega Semicondu...
AGD8156A AOSMD-AGD8156A Datasheet
957Kb / 14P
   High Voltage 3-Phase Gate Driver IC
Rev. 1.3 October 2018
logo
Princeton Technology Co...
PT5617 PTC-PT5617 Datasheet
407Kb / 5P
   High Voltage 3-Phase Gate Driver
logo
International Rectifier
IRS26310DJPBF IRF-IRS26310DJPBF Datasheet
1Mb / 41P
   HIGH VOLTAGE 3 PHASE GATE DRIVER IC WITH DC BUS
logo
Princeton Technology Co...
PT5616A PTC-PT5616A Datasheet
297Kb / 6P
   3-Phase 600V Gate Driver IC
logo
AiT Semiconductor Inc.
AG2136 AITSEMI-AG2136 Datasheet
834Kb / 13P
   MOSFET/IGBT GATE DRIVER 3-PHASE HIGH VOLTAGE DRIVER
REV2.0
logo
Infineon Technologies A...
EVAL_1ED020I12-B2 INFINEON-EVAL_1ED020I12-B2 Datasheet
1Mb / 20P
   High voltage gate driver IC
Revision 1.0, 2013-07-26
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com