Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1361-BTTT-15 Datasheet(PDF) 10 Page - ams AG

Part # AS1361-BTTT-15
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361-BTTT-15 Datasheet(HTML) 10 Page - ams AG

Back Button AS1361-BTTT-15 Datasheet HTML 5Page - ams AG AS1361-BTTT-15 Datasheet HTML 6Page - ams AG AS1361-BTTT-15 Datasheet HTML 7Page - ams AG AS1361-BTTT-15 Datasheet HTML 8Page - ams AG AS1361-BTTT-15 Datasheet HTML 9Page - ams AG AS1361-BTTT-15 Datasheet HTML 10Page - ams AG AS1361-BTTT-15 Datasheet HTML 11Page - ams AG AS1361-BTTT-15 Datasheet HTML 12Page - ams AG AS1361-BTTT-15 Datasheet HTML 13Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
10 - 13
AS1361/AS1362
Data Sheet - A p p l i c a t i o n I n f o r m a t i o n
9 Application Information
Capacitor Selection and Regulator Stability
For normal operation, use a 1µF capacitor at pin IN and a 1µF capacitor at pin OUT. Larger input capacitor values and
lower ESR provide better noise rejection and line-transient response. Reduce output noise and improve load-transient
response, stability, and power-supply rejection by using large output capacitors.
Note: Some ceramic dielectrics exhibit large capacitance and ESR variation with temperature. With dielectrics such
as Z5U and Y5V, it may be necessary to use a 2.2µF or larger output capacitor to ensure stability at tempera-
tures below -10°C. With X7R or X5R dielectrics, 1µF is sufficient at all operating temperatures.
Bypass Capacitor
Use a 0.01µF bypass capacitor at pin BYPASS for low-output voltage noise reduction. The leakage current going into
pin BYPASS should be less than 10nA. Increasing the capacitance slightly decreases the output noise. Values above
0.1µF and below 0.001µF are not recommended.
Noise, PSRR, and Transient Response
The AS1361/AS1362 are designed to deliver ultra-low noise and high PSRR, as well as low dropout and low quiescent
currents in battery-powered systems. The power-supply rejection is 92dB at 1kHz and 62dB at 100kHz. (see PSRR vs.
Frequency on page 6).
When operating from sources other than batteries, improved supply-noise rejection and transient response can be
achieved by increasing the values of the input and output capacitors, and through passive filtering techniques.
The Figure 16 and Figure 14 on page 7 show the AS1361/AS1362 line- and load-transient responses.
Dropout Voltage
The AS1361/AS1362 minimum dropout voltage determines the lowest usable supply voltage. In battery-powered sys-
tems, this determines the useful end-of-life battery voltage.
Since the AS1361/AS1362 use a P-channel MOSFET pass transistor, the dropout voltage is a function of drain-to-
source on-resistance (RDS(ON)) multiplied by ILOAD (see Figure 6 on page 5).


Similar Part No. - AS1361-BTTT-15

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361-BTTT-15 AMSCO-AS1361-BTTT-15 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
More results

Similar Description - AS1361-BTTT-15

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com