Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1361-BTTT-285 Datasheet(PDF) 8 Page - ams AG

Part # AS1361-BTTT-285
Description  150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1361-BTTT-285 Datasheet(HTML) 8 Page - ams AG

Back Button AS1361-BTTT-285 Datasheet HTML 4Page - ams AG AS1361-BTTT-285 Datasheet HTML 5Page - ams AG AS1361-BTTT-285 Datasheet HTML 6Page - ams AG AS1361-BTTT-285 Datasheet HTML 7Page - ams AG AS1361-BTTT-285 Datasheet HTML 8Page - ams AG AS1361-BTTT-285 Datasheet HTML 9Page - ams AG AS1361-BTTT-285 Datasheet HTML 10Page - ams AG AS1361-BTTT-285 Datasheet HTML 11Page - ams AG AS1361-BTTT-285 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
www.austriamicrosystems.com
Revision 1.00
8 - 13
AS1361/AS1362
Data Sheet - D e t a i l e d D e s c r i p t i o n
8 Detailed Description
The AS1361/AS1362 are ultra-low-noise, low-dropout, low-quiescent current linear-regulators specifically designed for
space-limited applications. The devices are available with preset output voltages from 1.5 to 4.5V in 50mV increments.
These devices can supply loads up to 150/300mA. As shown in Figure 18, the AS1361/AS1362 consist of an inte-
grated bandgap core and noise bypass circuitry, error amplifier, P-channel MOSFET pass transistor, and internal feed-
back voltage-divider.
The output voltage is fed back through an internal resistor voltage-divider connected to pin OUT. An external bypass
capacitor connected to pin BYPASS reduces noise at the output. Additional blocks include a current limiter, thermal
sensor, and shutdown logic.
Internal Voltage Reference
The 1.25V bandgap reference is connected to the error amplifier’s inverting input. The error amplifier compares this
reference with the feedback voltage and amplifies the difference. If the feedback voltage is lower than the reference
voltage, the pass-transistor gate is pulled low. This allows more current to pass to the output and increases the output
voltage. If the feedback voltage is too high, the pass transistor gate is pulled high, allowing less current to pass to the
output.
Internal P-Channel Pass Transistor
The AS1361/AS1362 feature a 0.5
Ω (typ) P-channel MOSFET pass transistor, which provides several advantages
over similar designs using a PNP pass transistor, including prolonged battery life. The P-channel MOSFET does not
require a base driver, thus quiescent current is dramatically reduced. The AS1361/AS1362 LDOs do not exhibit prob-
lems associated with typical PNP-based LDOs, and consume only 40µA of quiescent current in light load and 220µA in
dropout (see Typical Operating Characteristics on page 5).
Output Voltage
The AS1361/AS1362 deliver preset output voltages from 1.5 to 4.5V, in 50mV increments (see Ordering Information on
page 12).
Shutdown
The AS1361/AS1362 feature a low-power shutdown mode that reduces quiescent current to <200nA. Driving SHDNN
low disables the internal voltage reference, error amplifier, gate-drive circuitry, and P-channel MOSFET pass transistor
(see Figure 18), and the device output enters a high-impedance state.
Note: For normal operation connect pin SHDNN to pin IN.
Figure 18. Block Diagram
AS1361/AS1362
Shutdown and
Power-Down
Control
Thermal
Sensor
OUT
IN
SHDNN
GND
BYPASS
-
+
MOS
Driver w/
ILIMIT
Error
Amp
POK
+
95%
1.25 Reference
and Noise Bypass


Similar Part No. - AS1361-BTTT-285

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361-BTTT-285 AMSCO-AS1361-BTTT-285 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
More results

Similar Description - AS1361-BTTT-285

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1361 AMSCO-AS1361_1 Datasheet
732Kb / 15P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators, with POK
AS1358 AMSCO-AS1358_04 Datasheet
1Mb / 17P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358_1 Datasheet
715Kb / 14P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
AS1358 AMSCO-AS1358 Datasheet
82Kb / 2P
   150mA/300mA, Ultra-Low-Noise, High-PSRR Low Dropout Regulators
logo
Maxim Integrated Produc...
MAX8840 MAXIM-MAX8840_07 Datasheet
579Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in uDFN
19-0629; Rev 1; 1/07
MAX8840 MAXIM-MAX8840 Datasheet
366Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
MAX8842 MAXIM-MAX8842 Datasheet
343Kb / 10P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 150mA Linear Regulators in 關DFN
Rev 0; 10/06
logo
Anpec Electronics Corop...
APL5320 ANPEC-APL5320_18 Datasheet
313Kb / 26P
   Ultra-Low-Noise, High PSRR, Low-Dropout, 300mA Linear Regulator
logo
Maxim Integrated Produc...
MAX8891 MAXIM-MAX8891_13 Datasheet
418Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 1; 12/11
MAX8891 MAXIM-MAX8891 Datasheet
325Kb / 8P
   High PSRR, Low-Dropout, 150mA Linear Regulators
Rev 0; 3/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com