Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMXW339 Datasheet(PDF) 2 Page - TEMEX

Part # TMXW339
Description  SAW Passband Filter - REMOTE CONTROL - RF
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

TMXW339 Datasheet(HTML) 2 Page - TEMEX

  TMXW339 Datasheet HTML 1Page - TEMEX TMXW339 Datasheet HTML 2Page - TEMEX TMXW339 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TMX W339
SAW Passband Filter - REMOTE CONTROL - RF
Preliminary Specification (Rev 1)
May 10
th, 2005
1
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Electrical Parameters
Unit
Minimum
Typical
(1)
Maximum
Source Impedance (single ended)
-
50
(2)
-
Load Impedance (single ended)
-
50
(2)
-
Center Frequency fo
MHz
-
866
-
Absolute Attenuation
770 MHz to 780 MHz
dB
40
49
-
815 MHz to 825 MHz
dB
40
49
-
837.5 MHz to 847.5 MHz
dB
30
38
Insertion Loss within 862 MHz ~ 870 MHz
dB
-
3.0
4.5
Ripple within 862 MHz ~ 870 MHz
dB
-
0.8
2.1
Package type & size
Length x Width
mm²
-
3.0 x 3.0
-
Height
Mm
-
1.2
1.4
Pin Out
Input
2
Output
6
Case Ground
1, 3, 4, 5, 7, 8
To Be Grounded
1, 3, 4, 5, 7, 8
Notes :
(1)
Typical values are nominal performances at room temperature
(2)
No external matching circuit is required
50
Ω / 50 Ω CONFIGURATION
Input
50
Single
Output
50
Single
GND
Maximum Ratings
Rating
Unit
Value
Operating Temperature Range
-10 to +60
°C
Storage Temperature Range
-40 to +85
°C
DC permissive Voltage
3
V
Maximum RF Power
10
dBm


Similar Part No. - TMXW339

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW33S TEMEX-TMXW33S Datasheet
347Kb / 4P
   Low Loss SAW Bandpass Filter - WIRELESS AUDIO - RF
More results

Similar Description - TMXW339

ManufacturerPart #DatasheetDescription
logo
TEMEX
TMXW306 TEMEX-TMXW306 Datasheet
329Kb / 3P
   SAW PASSBAND Filter - Remote Control - RF
TMXW341 TEMEX-TMXW341 Datasheet
379Kb / 3P
   SAW Passband Filter - REMOTE CONTROL - RF
TMXU392 TEMEX-TMXU392 Datasheet
303Kb / 3P
   SAW Passband Filter - Remote Control - RF
logo
Oscilent Corporation
805-RF434.42M-B OSCILENT-805-RF434.42M-B Datasheet
203Kb / 2P
   Remote Control, RF SAW Filter
805-RF315.0M-A OSCILENT-805-RF315.0M-A_14 Datasheet
123Kb / 4P
   Remote Control, RF SAW Filter
863-RF315.0M-A OSCILENT-863-RF315.0M-A Datasheet
193Kb / 2P
   Remote Control, RF SAW Filter
logo
Transko Electronics, In...
TA836MM TRANSKO-TA836MM Datasheet
421Kb / 4P
   Remote Control, RF SAW Filter
Revision 0: November 2011
TA868AK TRANSKO-TA868AK Datasheet
379Kb / 3P
   Remote Control, RF SAW Filter
Revision0: May 2005
TA868FP1 TRANSKO-TA868FP1 Datasheet
326Kb / 3P
   Remote Control, RF SAW Filter
Revision 0: July 2008
TA924AP TRANSKO-TA924AP Datasheet
304Kb / 4P
   Remote Control, RF SAW Filter
Revision 0: October 2010
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com