Electronic Components Datasheet Search |
|
CRA04P0803473ZRT7E3 Datasheet(PDF) 3 Page - Vishay Siliconix |
|
CRA04P0803473ZRT7E3 Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 4 page Document Number: 31048 For Technical Questions contact: ff3fresistors@vishay.com www.vishay.com Revision: 09-Jan-07 3 CRA04P Thick Film, Resistor Array Vishay Notes 1. Figures are given for a single element. 2. Solderability is specified for 2 years after production or requalification. Permitted storage time is 20 years. TEST PROCEDURES AND REQUIREMENTS EN 60115-1 TEST (clause) CONDITIONS OF TEST REQUIREMENTS PERMISSIBLE CHANGE ( ΔR/R)1) STABILITY CLASS 2 OR BETTER stability for product types: 10 Ω to 1 MΩ 1 Ω to 1 MΩ CRA04P Resistance (4.5) - ± 2 % ± 5 % Temperature coefficient (4.8.4.2) 20/- 55/20 °C and 20/125/20 °C ± 100 ppm/K ± 200 ppm/K Overload (4.13) U = 2.5 × (P70 x R)1/2 ≤ 2 x U max; 0.5 s ± (0.5 % R + 0.05 Ω) Solderability (4.17.5)2) Aging 4 h at 155 °C, dryheat Solder bath method; 235 °C; 2 s Visual examination Good tinning ( ≥ 95 % covered) no visible damage Resistance to soldering heat (4.18.2) Solder bath method; (260 ± 5) °C; (10 ± 1) s ± (0.5 % R + 0.05 Ω) Rapid change of temperature (4.19) 30 min. at LCT = - 55 °C; 30 min. at UCT = 125 °C; 5 cycles ± (0.5 % R + 0.05 Ω) Damp heat, steady state (4.24) (40 ± 2) °C; 56 days; (93 ± 3) % RH ± (2 % R + 0.1 Ω) Climatic sequence (4.23) 16 h at UCT = 125 °C; 1 cycle at 55 °C; 2 h at LCT = - 55 °C; 1 h/1 kPa at 15 °C to 35 °C; 5 cycles at 55 °C U = (P70 x R)1/2 U = Umax; whichever is less severe ± (2 % R + 0.1 Ω) Endurance at 70 °C (4.25.1) U = (P70 x R)1/2 U = Umax; whichever is less severe 1.5 h on; 0.5 h off; 70 °C; 1000 h ± (2 % R + 0.1 Ω) Extended endurance (4.25.1.8) Duration extended to 8000 hours ± (4 % R + 0.1 Ω) Endurance at upper category temperature (4.25.3) UCT = 125 °C; 1000 h ± (2 % R + 0.1 Ω) APPLICABLE SPECIFICATIONS • EN 60115-1 Generic Specification • EN 140400 Sectional Specification • EN 140401-802 Detail Specification • IEC 60068-2-X Variety of environmental test procedures • EIA 481 Packaging of SMD components |
Similar Part No. - CRA04P0803473ZRT7E3 |
|
Similar Description - CRA04P0803473ZRT7E3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |