Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BY251 Datasheet(PDF) 2 Page - First Components International

Part # BY251
Description  3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

BY251 Datasheet(HTML) 2 Page - First Components International

  BY251 Datasheet HTML 1Page - First Components International BY251 Datasheet HTML 2Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet
3.0 Amp MINIATURE
PLASTIC SILICON RECTIFIERS
Ratings at
25 Deg. C ambient
temperature
unless otherwise
specified.
Single Phase Half
Wave, 60 HZ
Resistive or
Inductive Load.
For Capacitive
Load, Derate
Current by 20%.
Page 9-15
NOTES: 1. Measured @ 1 MHZ and applied reverse voltage of 4.0V.
2. Thermal Resistance Junction to Ambient, Jedec Method.
3. When Mounted to heat sink, from body.
Thermal Resistance
Lead Length (mm)
Instantaneous Forward Characteristics
Forward Voltage (Volts)
Peak Forward Surge Current
Number of Cycles @ 60 Hz
Forward Current Derating Curve
T
A = Ambient Temperature (°
°°°°C)
LL = 10mm
Resistive Load
Capacitive Load
T
J = 175°
°°°°C
PW = 8.3ms


Similar Part No. - BY251

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
BY251 TMT-BY251 Datasheet
173Kb / 4P
   3A, 200V - 800V Silicon Rectifiers
logo
Pan Jit International I...
BY251 PANJIT-BY251 Datasheet
67Kb / 2P
   MEDIUM CURRENT PLASTIC RECTIFIER(VOLTAGE - 200 to 1300 Volts CURRENT - 3.0 Amperes)
logo
Taiwan Semiconductor Co...
BY251 TSC-BY251 Datasheet
65Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
EIC discrete Semiconduc...
BY251 EIC-BY251 Datasheet
47Kb / 2P
   SILICON RECTIFIER DIODES
logo
Diotec Semiconductor
BY251 DIOTEC-BY251 Datasheet
94Kb / 2P
   Standard Recovery Rectifier Diodes
More results

Similar Description - BY251

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
1N5400 FCI-1N5400 Datasheet
149Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
BY251 FCI-BY251_1 Datasheet
122Kb / 2P
   3.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
logo
DIYI Electronic Technol...
1N5400 DYELEC-1N5400 Datasheet
596Kb / 2P
   3.0 AMP. Silicon Rectifiers Plastic
logo
First Components Intern...
RL251 FCI-RL251 Datasheet
148Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N5391 FCI-1N5391 Datasheet
144Kb / 2P
   1.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR6A01 FCI-FR6A01 Datasheet
131Kb / 2P
   6.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
F1A1 FCI-F1A1_1 Datasheet
126Kb / 2P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
1N4001 FCI-1N4001 Datasheet
56Kb / 1P
   1.0 Amp MINIATURE PLASTIC SILICON RECTIFIERS
RL251S FCI-RL251S Datasheet
146Kb / 2P
   2.5 Amp MINIATURE PLASTIC SILICON RECTIFIERS
FR10A01 FCI-FR10A01 Datasheet
132Kb / 2P
   10 Amp MINIATURE PLASTIC SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com