Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62305DRC Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS62305DRC
Description  500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62305DRC Datasheet(HTML) 1 Page - Texas Instruments

  TPS62305DRC Datasheet HTML 1Page - Texas Instruments TPS62305DRC Datasheet HTML 2Page - Texas Instruments TPS62305DRC Datasheet HTML 3Page - Texas Instruments TPS62305DRC Datasheet HTML 4Page - Texas Instruments TPS62305DRC Datasheet HTML 5Page - Texas Instruments TPS62305DRC Datasheet HTML 6Page - Texas Instruments TPS62305DRC Datasheet HTML 7Page - Texas Instruments TPS62305DRC Datasheet HTML 8Page - Texas Instruments TPS62305DRC Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
QFN-10
CSP-8
1
FEATURES
DESCRIPTION
APPLICATIONS
VIN
SW
TPS62303YZD
ADJ
C1
C2
VOUT
EN
MODE/SYNC
FB
A2
B2
C1
B1
D1
C2
D2
GND
A1
4.7
µF
VI
2.7 V . . 6 V
4.7
µF
VO
1.8 V/500 mA
L1
1
µH
0
10
20
30
40
50
60
70
80
90
100
0.1
1
10
100
1 k
VI = 3.6 V,
VO = 1.8 V
L = 2.2
µH,
CO = 4.7 µF
IO − Load Current − mA
TPS62300, TPS62301, TPS62302
TPS62303, TPS62304, TPS62305,
TPS62311, TPS62313, TPS62315, TPS62320, TPS62321
SLVS528E – JULY 2004 – REVISED NOVEMBER 2007
www.ti.com
500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER
IN CHIP SCALE PACKAGING
234
• Up to 93% Efficiency at 3-MHz Operation
• Up to 500-mA Output Current at V
I = 2.7 V
The
TPS623xx
device
is
a
high-frequency
• 3-MHz Fixed Frequency Operation
synchronous step-down dc-dc converter optimized for
• Best in Class Load and Line Transient
battery-powered portable applications. Intended for
low-power applications, the TPS623xx supports up to
• Complete 1-mm Component Profile Solution
500-mA load current and allows the use of tiny, low
• -0.5% / +1.3% PWM DC Voltage Accuracy Over
cost chip inductor and capacitors.
Temperature
The device is ideal for mobile phones and similar
• 35-ns Minimum On-Time
portable applications powered by a single-cell Li-Ion
• Power-Save Mode Operation at Light Load
battery or by 3-cell NiMH/NiCd batteries. With an
Currents
output voltage range from 5.4 V down to 0.6 V, the
• Fixed and Adjustable Output Voltage
device supports the low-voltage TMS320™ DSP
family, processors in smart-phones, PDAs as well as
• Only 86-µA Quiescent Current
notebooks, and handheld computers.
• 100% Duty Cycle for Lowest Dropout
The TPS62300 operates at 3-MHz fixed switching
• Synchronizable On the Fly to External
frequency and enters the power-save mode operation
Clock Signal
at light load currents to maintain high efficiency over
• Integrated Active Power-Down Sequencing
the
entire
load
current
range.
For
low
noise
(TPS6232x only)
applications, the device can be forced into fixed
frequency PWM mode by pulling the MODE/SYNC
• Available in a 10-Pin QFN (3 x 3 mm), 8-Pin
pin high. The device can also be synchronized to an
NanoFree™, and NanoStar™ (CSP) Packaging
external clock signal in the range of 3 MHz. In the
shutdown mode, the current consumption is reduced
to less than 1
µA.
• Cell Phones, Smart-Phones
The TPS623xx is available in a 10-pin leadless
• WLAN and Bluetooth™ Applications
package (3 x 3 mm QFN) and an 8-pin chip-scale
• Micro DC-DC Converter Modules
package (CSP).
• PDAs, Pocket PCs
• USB-Based DSL Modems
• Digital Cameras
Figure 1. Smallest Solution Size Application
(Fixed Output Voltage)
Figure 2. Efficiency vs Load Current
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree, NanoStar, TMS320 are trademarks of Texas Instruments.
3
Bluetooth is a trademark of Bluetooth SIG, Inc.
4
PowerPAD is a trademark of Texas Instsruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2004–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS62305DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62305DRC TI-TPS62305DRC Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62305DRCR TI-TPS62305DRCR Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62305DRCRG4 TI-TPS62305DRCRG4 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
More results

Similar Description - TPS62305DRC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62300 TI-TPS62300 Datasheet
1,004Kb / 31P
[Old version datasheet]   500-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62600 TI-TPS62600 Datasheet
590Kb / 21P
[Old version datasheet]   500-mA, 6-MHz SYNCHRONOUS STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62690 TI-TPS62690_15 Datasheet
1Mb / 28P
[Old version datasheet]   500-mA / 600-mA, 4-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_07 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350_071 TI-TPS62350_071 Datasheet
1Mb / 45P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62350 TI-TPS62350_08 Datasheet
1Mb / 46P
[Old version datasheet]   800-mA / 1000-mA, 3-MHz SYNCHRONOUS STEP-DOWN CONVERTER WITH I2C??COMPATIBLE INTERFACE IN CHIP SCALE PACKAGING
TPS62674 TI-TPS62674 Datasheet
756Kb / 28P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING
TPS62671 TI-TPS62671_11 Datasheet
1Mb / 34P
[Old version datasheet]   500-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN LOW PROFILE CHIP SCALE PACKAGING (HEIGHT
TPS62620 TI-TPS62620 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz HIGH-EFFICIENCY STEP-DOWN CONVERTER IN CHIP SCALE PACKAGING
TPS62620 TI1-TPS62620_16 Datasheet
1Mb / 28P
[Old version datasheet]   600-mA, 6-MHz High-Efficiency Step-Down Converter In Chip Scale Packaging
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com