Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25PE20-VMN6TP Datasheet(PDF) 6 Page - STMicroelectronics

Part # M25PE20-VMN6TP
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE20-VMN6TP Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M25PE20-VMN6TP Datasheet HTML 2Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 3Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 4Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 5Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 6Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 7Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 8Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 9Page - STMicroelectronics M25PE20-VMN6TP Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
Description
M25PE20, M25PE10
6/60
1
Description
The M25PE20 and M25PE10 are 2 Mbit (256 Kb × 8 bit) and 1 Mbit (128 Kb × 8 bit) Serial
Paged Flash memories, respectively. They are accessed by a high speed SPI-compatible
bus.
The memories can be written or programmed 1 to 256 Bytes at a time, using the Page Write
or Page Program instruction. The Page Write instruction consists of an integrated Page
Erase cycle followed by a Page Program cycle.
The M25PE20 memory is organized as 4 sectors, each containing 256 pages. Each page is
256 Bytes wide. Thus, the whole memory can be viewed as consisting of 1024 pages, or
262,144 Bytes.
The M25PE10 memory is organized as 2 sectors, each containing 256 pages. Each page is
256 Bytes wide. Thus, the whole memory can be viewed as consisting of 512 pages, or 131,
072 Bytes.
The memories can be erased a page at a time, using the Page Erase instruction, a
subsector at a time, using the SubSector Erase instruction, a sector at a time, using the
Sector Erase instruction or as a whole, using the Bulk Erase instruction.
The memory can be Write Protected by either Hardware or Software using a mix of volatile
and non-volatile protection features, depending on the application needs. The protection
granularity is of 64 Kbytes (sector granularity).
In order to meet environmental requirements, ST offers the M25PE20 and M25PE10 in
ECOPACK® packages. ECOPACK® packages are Lead-free and RoHS compliant.
ECOPACK is an ST trademark. ECOPACK specifications are available at: www.st.com.
Important note
This datasheet details the functionality of the M25PE20 and M25PE10 devices, based on
the previous T7X process or based on the current T9HX process. Delivery of parts in T9HX
process starts from August 2007.
What are the changes?
The M25PE10/M25PE20 in T9HX process offers the following additional features:
the whole memory array is partitioned into 4-Kbyte subsectors
five new instructions: Write Status Register (WRSR), Write to Lock Register (WRLR),
Read Lock Register (RDLR), 4-Kbyte SubSector Erase (SSE) and Bulk Erase (BE)
Status Register: 3 bits can be written (BP0, BP1, SRWD)
WP input (pin 3): Write protection limits are extended, depending on the value of the
BP0, BP1, SRWD bits. The WP Write protection remains the same if bits (BP1, BP0)
are set to (0, 1) or (1, 0)
VFQFPN8 6 × 5 mm package added


Similar Part No. - M25PE20-VMN6TP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M25PE20-VMN6TP STMICROELECTRONICS-M25PE20-VMN6TP Datasheet
480Kb / 37P
   1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
logo
Numonyx B.V
M25PE20-VMN6TP NUMONYX-M25PE20-VMN6TP Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
More results

Similar Description - M25PE20-VMN6TP

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20 Datasheet
480Kb / 37P
   1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com