Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M25PE10-VMN6G Datasheet(PDF) 8 Page - STMicroelectronics

Part # M25PE10-VMN6G
Description  1 and 2 Mbit, low voltage, Page-Erasable Serial Flash memories with Byte-Alterability, 50 MHz SPI bus, standard pinout
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M25PE10-VMN6G Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M25PE10-VMN6G Datasheet HTML 4Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 5Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 6Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 7Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 8Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 9Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 10Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 11Page - STMicroelectronics M25PE10-VMN6G Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
Signal description
M25PE20, M25PE10
8/60
2
Signal description
2.1
Serial Data Output (Q)
This output signal is used to transfer data serially out of the device. Data is shifted out on the
falling edge of Serial Clock (C).
2.2
Serial Data Input (D)
This input signal is used to transfer data serially into the device. It receives instructions,
addresses, and the data to be programmed. Values are latched on the rising edge of Serial
Clock (C).
2.3
Serial Clock (C)
This input signal provides the timing of the serial interface. Instructions, addresses, or data
present at Serial Data Input (D) are latched on the rising edge of Serial Clock (C). Data on
Serial Data Output (Q) changes after the falling edge of Serial Clock (C).
2.4
Chip Select (S)
When this input signal is High, the device is deselected and Serial Data Output (Q) is at high
impedance. Unless an internal Read, Program, Erase or Write cycle is in progress, the
device will be in the Standby Power mode (this is not the Deep Power-down mode). Driving
Chip Select (S) Low selects the device, placing it in the Active Power mode.
After Power-up, a falling edge on Chip Select (S) is required prior to the start of any
instruction.
2.5
Reset (Reset)
The Reset (Reset) input provides a hardware reset for the memory.
When Reset (Reset) is driven High, the memory is in the normal operating mode. When
Reset (Reset) is driven Low, the memory will enter the Reset mode. In this mode, the output
is high impedance.
Driving Reset (Reset) Low while an internal operation is in progress will affect this operation
(write, program or erase cycle) and data may be lost.
2.6
Top Sector Lock (TSL)
This input signal puts the device in the Hardware Protected mode, when Top Sector Lock
(TSL) is connected to VSS, causing the top 256 pages (upper addresses) of the memory to
become read-only (protected from write, program and erase operations).
When Top Sector Lock (TSL) is connected to VCC, the top 256 pages of memory behave like
the other pages of memory.


Similar Part No. - M25PE10-VMN6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE10-VMN6G NUMONYX-M25PE10-VMN6G Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
More results

Similar Description - M25PE10-VMN6G

ManufacturerPart #DatasheetDescription
logo
Numonyx B.V
M25PE20 NUMONYX-M25PE20 Datasheet
1Mb / 64P
   1 and 2 Mbit, page-erasable serial Flash memories with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE16 STMICROELECTRONICS-M25PE16 Datasheet
492Kb / 56P
   16 Mbit, low-voltage, Page-Erasable Serial Flash memory with byte-alterability, 50 MHz SPI bus, standard pinout
M25PE40 STMICROELECTRONICS-M25PE40 Datasheet
482Kb / 60P
   4 Mbit, low voltage, Page-Erasable Serial Flash memory with byte alterability, 50 MHz SPI bus, standard pinout
M25PE20 STMICROELECTRONICS-M25PE20 Datasheet
480Kb / 37P
   1 and 2 Mbit, Low Voltage, Page-Erasable Serial Flash Memories with Byte-Alterability, 33 MHz SPI Bus, Standard Pin-out
logo
Numonyx B.V
M25PE16 NUMONYX-M25PE16 Datasheet
1Mb / 58P
   16-Mbit, page-erasable serial flash memory with byte-alterability, 75 MHz SPI bus, standard pinout
M25PE80 NUMONYX-M25PE80 Datasheet
1Mb / 66P
   8-Mbit, page-erasable serial flash memory with byte alterability, 75 MHz SPI bus, standard pinout
M25PE40 NUMONYX-M25PE40 Datasheet
1Mb / 62P
   4 Mbit, page-erasable serial Flash memory with byte alterability, 75 MHz SPI bus, standard pinout
logo
STMicroelectronics
M25PE80 STMICROELECTRONICS-M25PE80 Datasheet
507Kb / 61P
   8 Mbit, low-voltage, Page-Erasable Serial Flash memory with Byte alterability, 50MHz SPI bus, standard pinout
M45PE10-07 STMICROELECTRONICS-M45PE10-07 Datasheet
355Kb / 45P
   1 Mbit, low voltage, Page-Erasable Serial Flash memory with byte-alterability and a 50 MHz SPI bus interface
logo
Numonyx B.V
M45PE10 NUMONYX-M45PE10 Datasheet
990Kb / 47P
   1-Mbit, page-erasable serial flash memory with byte-alterability and 75 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com