Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFPS43N50KPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRFPS43N50KPBF
Description  HEXFET짰 Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.078廓 , ID = 47A )
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFPS43N50KPBF Datasheet(HTML) 1 Page - International Rectifier

  IRFPS43N50KPBF Datasheet HTML 1Page - International Rectifier IRFPS43N50KPBF Datasheet HTML 2Page - International Rectifier IRFPS43N50KPBF Datasheet HTML 3Page - International Rectifier IRFPS43N50KPBF Datasheet HTML 4Page - International Rectifier IRFPS43N50KPBF Datasheet HTML 5Page - International Rectifier IRFPS43N50KPBF Datasheet HTML 6Page - International Rectifier IRFPS43N50KPBF Datasheet HTML 7Page - International Rectifier IRFPS43N50KPBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
IRFPS43N50KPbF
09/14/04
www.irf.com
1
SMPS MOSFET
HEXFET® Power MOSFET
l Switch Mode Power Supply (SMPS)
l Uninterruptible Power Supply
l High Speed Power Switching
l Hard Switched and High Frequency
Circuits
l Lead-Free
Benefits
Applications
l Low Gate Charge Qg results in Simple
Drive Requirement
l Improved Gate, Avalanche and Dynamic
dv/dt Ruggedness
l Fully Characterized Capacitance and
Avalanche Voltage and Current
l Low RDS(on)
VDSS
RDS(on) typ.
ID
500V
0.078
47A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
47
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
29
A
IDM
Pulsed Drain Current

190
PD @TC = 25°C
Power Dissipation
540
W
Linear Derating Factor
4.3
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dtPeak Diode Recovery dv/dt
ƒ
9.0
V/ns
TJ
Operating Junction and
-55 to + 150
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300
(1.6mm from case )
°C
Absolute Maximum Ratings
Super-247™
Symbol
Parameter
Typ.
Max.
Units
EAS
Single Pulse Avalanche Energy
‚
–––
910
mJ
IAR
Avalanche Current

–––
47
A
EAR
Repetitive Avalanche Energy

–––
54
mJ
Avalanche Characteristics
Symbol
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
0.23
RθCS
Case-to-Sink, Flat, Greased Surface
0.24
–––
°C/W
RθJA
Junction-to-Ambient
–––
40
Thermal Resistance
PD- 95898


Similar Part No. - IRFPS43N50KPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFPS43N50KPBF VISHAY-IRFPS43N50KPBF Datasheet
147Kb / 8P
   RFPS43N50K
S-81367-Rev. B, 21-Jul-08
More results

Similar Description - IRFPS43N50KPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS43N50K IRF-IRFPS43N50K Datasheet
99Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.078ohm, Id=47A)
IRFP32N50KPBF IRF-IRFP32N50KPBF Datasheet
189Kb / 8P
   HEXFET Power MOSFET ( VDSS = 500V , RDS(on)typ. = 0.135廓 , ID = 32A )
IRFB17N50LPBF IRF-IRFB17N50LPBF Datasheet
180Kb / 8P
   SMPS MOSFET ( VDSS=500V , RDS(on)typ.=0.28廓 , ID=16A )
IRFP17N50L IRF-IRFP17N50L Datasheet
91Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFPS40N50L IRF-IRFPS40N50L Datasheet
111Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.087ohm, Id=46A)
IRFP32N50K IRF-IRFP32N50K Datasheet
94Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.135ohm, Id=32A)
IRFP17N50LS IRF-IRFP17N50LS Datasheet
118Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFB17N50L IRF-IRFB17N50L Datasheet
82Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.28ohm, Id=16A)
IRFP31N50L IRF-IRFP31N50L Datasheet
95Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)typ.=0.15ohm, Id=31A)
IRLZ44NS IRF-IRLZ44NS Datasheet
178Kb / 10P
   Power MOSFET(Vdss=55V, Rds(on)=0.022ohm, Id=47A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com