Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BQ24115 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24115
Description  SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24115 Datasheet(HTML) 5 Page - Texas Instruments

  BQ24115 Datasheet HTML 1Page - Texas Instruments BQ24115 Datasheet HTML 2Page - Texas Instruments BQ24115 Datasheet HTML 3Page - Texas Instruments BQ24115 Datasheet HTML 4Page - Texas Instruments BQ24115 Datasheet HTML 5Page - Texas Instruments BQ24115 Datasheet HTML 6Page - Texas Instruments BQ24115 Datasheet HTML 7Page - Texas Instruments BQ24115 Datasheet HTML 8Page - Texas Instruments BQ24115 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
www.ti.com
bq24100, bq24103, bq24103A
bq24105, bq24108, bq24109
bq24113, bq24113A, bq24115
SLUS606K – JUNE 2004 – REVISED NOVEMBER 2007
ELECTRICAL CHARACTERISTICS (continued)
TJ = 0°C to 125°C and recommended supply voltage range (unless otherwise stated)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC ≤ VIBAT
VCC ≤ VIBAT
2.3 V
≤ VI(OUT) ≤ VOREG, for 1 or 2 cells
+5 mV
+75 mV
VSLP-ENT
Sleep-mode entry threshold
V
VI(OUT) = 12.6 V, RIN = 1 kΩ
VCC ≤ VIBAT
VCC ≤ VIBAT
bq24105/15(1)
-4 mV
+73 mV
VSLP-EXIT
Sleep-mode exit hysteresis,
2.3 V
≤ VI(OUT)≤ VOREG
40
160
mV
VCC decreasing below threshold,
tFALL = 100 ns, 10-mV overdrive,
5
µs
PMOS turns off
tdg-SLP
Deglitch time for sleep mode
VCC decreasing below threshold,
tFALL = 100 ns, 10-mV overdrive,
20
30
40
ms
STATx pins turn off
UVLO
VUVLO-ON
IC active threshold voltage
VCC rising
3.15
3.30
3.50
V
IC active hysteresis
VCC falling
120
150
mV
PWM
7 V
≤ VCC ≤ VCC(max)
400
Internal P-channel MOSFET on-resistance
4.5 V
≤ VCC ≤ 7 V
500
m
7 V
≤ VCC ≤ VCC(max)
130
Internal N-channel MOSFET on-resistance
4.5 V
≤ VCC ≤ 7 V
150
fOSC
Oscillator frequency
1.1
MHz
Frequency accuracy
–9%
9%
DMAX
Maximum duty cycle
100%
DMIN
Minimum duty cycle
0%
tTOD
Switching delay time (turn on)
20
ns
tsyncmin
Minimum synchronous FET on time
60
ns
Synchronous FET minimum current-off
50
400
mA
threshold (2)
BATTERY DETECTION
Battery detection current during time-out
IDETECT
VI(BAT) < VOREG – VRCH
2
mA
fault
IDISCHRG1
Discharge current
VSHORT < VI(BAT) < VOREG – VRCH
400
µA
tDISCHRG1
Discharge time
VSHORT < VI(BAT) < VOREG – VRCH
1
s
IWAKE
Wake current
VSHORT < VI(BAT) < VOREG – VRCH
2
mA
tWAKE
Wake time
VSHORT < VI(BAT) < VOREG – VRCH
0.5
s
Begins after termination detected,
IDISCHRG2
Termination discharge current
400
µA
VI(BAT) ≤ VOREG
tDISCHRG2
Termination time
262
ms
OUTPUT CAPACITOR
Required output ceramic capacitor range
COUT
from SNS to PGND, between inductor and
4.7
10
47
µF
RSNS
Required SNS capacitor (ceramic) at SNS
CSNS
0.1
µF
pin
PROTECTION
Threshold over VOREG to turn off P-channel
VOVP
OVP threshold voltage
MOSFET, STAT1, and STAT2 during charge
110
117
121
%VO(REG)
or termination states
ILIMIT
Cycle-by-cycle current limit
2.6
3.6
4.5
A
VSHORT
Short-circuit voltage threshold, BAT
VI(BAT) falling
1.95
2
2.05
V/cell
ISHORT
Short-circuit current
VI(BAT) ≤ VSHORT
35
65
mA
TSHTDWN
Thermal trip
165
°C
Thermal hysteresis
10
(1)
For bq24105 and bq24115 only. RIN is connected between IN and PGND pins and needed to ensure sleep entry.
(2)
N-channel always turns on for ~60 ns and then turns off if current is too low.
Copyright © 2004–2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): bq24100, bq24103, bq24103A bq24105, bq24108, bq24109 bq24113, bq24113A, bq24115


Similar Part No. - BQ24115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24115 TI-BQ24115 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24115 TI-BQ24115 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24115 TI-BQ24115 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
bq24115 TI1-bq24115 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24115RHLR TI-BQ24115RHLR Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
More results

Similar Description - BQ24115

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24100 TI-BQ24100_10 Datasheet
1Mb / 40P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24105-Q1 TI-BQ24105-Q1 Datasheet
859Kb / 35P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs ( bqSWITCHER??
BQ24100 TI-BQ24100_08 Datasheet
1Mb / 38P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH INTEGRATED POWER FETs (bqSWITCHER??
BQ24100 TI-BQ24100_05 Datasheet
611Kb / 29P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS (bqSWITCHER)
BQ24100 TI1-BQ24100_17 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC With Integrated Power FETs
BQ24100 TI-BQ24100 Datasheet
624Kb / 26P
[Old version datasheet]   SYNCHRONOUS SWITCHMODE, LI-ION AND LI-POL CHARGE MANAGEMENT IC WITH INTEGRATED POWERFETS
BQ24120 TI-BQ24120_07 Datasheet
1Mb / 36P
[Old version datasheet]   SINGLE-CHIP SWITCHMODE, LI-ION AND LI-POLYMER CHARGE-MANAGEMENT IC WITH ENHANCED EMI PERFORMANCE(bqSWITCHER??
BQ24100 TI1-BQ24100 Datasheet
1Mb / 45P
[Old version datasheet]   Synchronous Switched-Mode, Li-Ion and Li-Polymer Charge-Management IC
logo
Silicon Standard Corp.
SS4035G SSC-SS4035G Datasheet
802Kb / 11P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
SS4036G SSC-SS4036G Datasheet
879Kb / 9P
   Two-Cell Li-Ion and Li-Polymer Charge Management IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com