Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STE2004S Datasheet(PDF) 9 Page - STMicroelectronics

Part # STE2004S
Description  102 x 65 single-chip LCD controller/driver
Download  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STE2004S Datasheet(HTML) 9 Page - STMicroelectronics

Back Button STE2004S Datasheet HTML 5Page - STMicroelectronics STE2004S Datasheet HTML 6Page - STMicroelectronics STE2004S Datasheet HTML 7Page - STMicroelectronics STE2004S Datasheet HTML 8Page - STMicroelectronics STE2004S Datasheet HTML 9Page - STMicroelectronics STE2004S Datasheet HTML 10Page - STMicroelectronics STE2004S Datasheet HTML 11Page - STMicroelectronics STE2004S Datasheet HTML 12Page - STMicroelectronics STE2004S Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 79 page
background image
STE2004S
Circuit description
9/79
3
Circuit description
3.1
Supplies voltages and grounds
VDD2 supplies voltages to the internal voltage generator (see below). If the internal voltage
generator is not used, this should be connected to VDD1 pad. VDD1 supplies the rest of the
IC. VDD1 supply voltage could be different form VDD2.
3.2
Internal supply voltage generator
The IC has a fully integrated (no external capacitors required) charge pump for the liquid
crystal display (LCD) supply voltage generation. The multiplying factor can be programmed
to be: Auto, X5, X4, X3, X2, using the ’set CP multiplication’ command. If auto is set, the
multiplying factor is automatically selected to have the lowest current consumption in every
condition, allowing an input voltage that changes over time and a constant VLCD voltage.
The output voltage (VLCD) is tightly controlled through the VLCDSENSE pad. For this voltage,
eight different temperature coefficients (TC, rate of change with temperature) can be
programmed using the bits TC1, TC0, T2, T1, T0, to ensure there is no contrast degradation
over the LCD operating range.
An external supply could be connected to VLCD to supply the LCD without using the internal
generator. In such event the internal voltage generator must be programmed to zero (PRS =
[0;0], Vop = 0 - reset condition) and the charge pump (CP[0;0]) set to 5x or quto mode.
3.3
Oscillator
A fully integrated oscillator (requires no external components) is present to provide the clock
for the display system. When used the OSC pad must be connected to VDD1 pad. An
external oscillator could be used and fed into the OSC pin. If an external oscillator is used, it
must be always present when STE2004S is not in power down mode. An oscillator out is
provided on the OSCOUT Pad to cascade two or more drivers.
3.4
Master/slave mode
STE2004S supports the master slave working mode for both control logic and charge pump.
This function allows to drive matrix such as 204x65 or 102x130 using two synchronized
STE2004S and the internal charge pump of both devices.
If M/S is connected to VDD1, the driver is configured to work in master mode. When
STE2004S is in master mode, the Vsense_Slave pin is disabled and the VLCD value can be
controlled using Vop bits. The master time generator outputs the relevant timing references
on FR_OUT and OSC_OUT.
If M/S is connected to GND, the driver is configured to work in slave mode. When
STE2004S is in slave mode, the VLCD configuration set by Vop registers and the thermal
compensation slope set by TC register, are neglected. The VLCD value generated is equal
to the voltage value present on the Vsense_Slave pin so the slave configuration can follow
V
DD2
2VLCD
n4
+
()
---------------------------
200mV
+


Similar Part No. - STE2004S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2004DIE1 STMICROELECTRONICS-STE2004DIE1 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
STE2004DIE2 STMICROELECTRONICS-STE2004DIE2 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
More results

Similar Description - STE2004S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STE2004 STMICROELECTRONICS-STE2004 Datasheet
1Mb / 66P
   102 X 65 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
Sitronix Technology Co....
ST7556 SITRONIX-ST7556 Datasheet
414Kb / 43P
   65 x 102 Dot Matrix LCD Controller/Driver
ST7558 SITRONIX-ST7558 Datasheet
753Kb / 56P
   65 x 102 Dot Matrix LCD Controller/Driver
logo
NXP Semiconductors
PCF8549 PHILIPS-PCF8549 Datasheet
271Kb / 36P
   65 x 102 pixels matrix LCD driver
1997 Nov 21
logo
STMicroelectronics
STE2001 STMICROELECTRONICS-STE2001 Datasheet
342Kb / 36P
   65 X 128 SINGLE CHIP LCD CONTROLLER / DRIVER
logo
NXP Semiconductors
PCF8812 PHILIPS-PCF8812 Datasheet
201Kb / 36P
   65 x 102 pixels matrix LCD driver
2000 Nov 22
PCF8548 PHILIPS-PCF8548 Datasheet
206Kb / 40P
   65 x 102 pixels matrix LCD driver
1999 Aug 16
OM6206 PHILIPS-OM6206 Datasheet
195Kb / 36P
   65 X 102 pixels matrix LCD driver
2001 Nov 14
logo
Sitronix Technology Co....
ST7545T SITRONIX-ST7545T Datasheet
1Mb / 48P
   66 x 102 Dot Matrix LCD Controller/Driver
ST7548T SITRONIX-ST7548T Datasheet
1Mb / 50P
   66 x 102 Dot Matrix LCD Controller/Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com