Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LV541ATDWR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV541ATDWR
Description  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LV541ATDWR Datasheet(HTML) 2 Page - Texas Instruments

  SN74LV541ATDWR Datasheet HTML 1Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 2Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 3Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 4Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 5Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 6Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 7Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 8Page - Texas Instruments SN74LV541ATDWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
www.ti.com
DESCRIPTION/ORDERING INFORMATION (CONTINUED)
OE1
OE2
To Seven Other Channels
A1
Y1
1
19
2
18
SN74LV541AT
OCTAL BUFFER/DRIVER
WITH 3-STATE OUTPUTS
SCES573A – JUNE 2004 – REVISED AUGUST 2005
This device is ideal for driving bus lines or buffer memory address registers. It features inputs and outputs on
opposite sides of the package to facilitate printed circuit board layout.
The 3-state control gate is a two-input AND gate with active-low inputs so that, if either output-enable (OE1 or
OE2) input is high, all corresponding outputs are in the high-impedance state. The outputs provide noninverted
data when they are not in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE shall be tied to VCC through a pullup
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
FUNCTION TABLE
(EACH BUFFER/DRIVER)
INPUTS
OUTPUT
Y
OE1
OE2
A
L
L
L
L
L
L
H
H
H
X
X
Z
X
H
X
Z
LOGIC DIAGRAM (POSITIVE LOGIC)
2


Similar Part No. - SN74LV541ATDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV541A TI-SN74LV541A Datasheet
435Kb / 16P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541A TI-SN74LV541A Datasheet
696Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV541A TI1-SN74LV541A Datasheet
1Mb / 28P
[Old version datasheet]   Octal Buffers/Drivers With 3-State Outputs
SN74LV541A TI-SN74LV541A Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
SN74LV541A TI-SN74LV541A Datasheet
1Mb / 27P
[Old version datasheet]   SN74LV541A-Q1 Automotive Octal Buffers/Drivers With 3-State Outputs
AUGUST 2022
More results

Similar Description - SN74LV541ATDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com