Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS488 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TS488
Description  Pop-free 120mW stereo headphone amplifier
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS488 Datasheet(HTML) 3 Page - STMicroelectronics

  TS488 Datasheet HTML 1Page - STMicroelectronics TS488 Datasheet HTML 2Page - STMicroelectronics TS488 Datasheet HTML 3Page - STMicroelectronics TS488 Datasheet HTML 4Page - STMicroelectronics TS488 Datasheet HTML 5Page - STMicroelectronics TS488 Datasheet HTML 6Page - STMicroelectronics TS488 Datasheet HTML 7Page - STMicroelectronics TS488 Datasheet HTML 8Page - STMicroelectronics TS488 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TS488-TS489
Typical application schematic
3/32
1
Typical application schematic
Figure 1.
Typical application for the TS488-TS489
Table 1.
Application component information
Component
Functional description
Rin1,2
Inverting input resistor that sets the closed loop gain in conjunction with Rfeed.
This resistor also forms a high pass filter with Cin (Fc = 1 / (2 x Pi x Rin x Cin)).
Cin1,2
Input coupling capacitor that blocks the DC voltage at the amplifier’s input terminal.
Rfeed1,2
Feedback resistor that sets the closed loop gain in conjunction with Rin.
AV= Closed Loop Gain= -Rfeed/Rin.
Cs
Supply output capacitor that provides power supply filtering.
Cb
Bypass capacitor that provides half supply filtering.
Cout1,2
Output coupling capacitor that blocks the DC voltage at the load input terminal.
This capacitor also forms a high pass with RL (Fc = 1 / (2 x Pi x RL x Cout)).
TS489=stdby
TS488=stdby


Similar Part No. - TS488

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS482 STMICROELECTRONICS-TS482 Datasheet
597Kb / 24P
   100mW STEREO HEADPHONE AMPLIFIER
TS482 STMICROELECTRONICS-TS482 Datasheet
608Kb / 26P
   100mW Stereo Headphone Amplifier
TS482ID STMICROELECTRONICS-TS482ID Datasheet
597Kb / 24P
   100mW STEREO HEADPHONE AMPLIFIER
TS482ID STMICROELECTRONICS-TS482ID Datasheet
608Kb / 26P
   100mW Stereo Headphone Amplifier
TS482IDT STMICROELECTRONICS-TS482IDT Datasheet
597Kb / 24P
   100mW STEREO HEADPHONE AMPLIFIER
More results

Similar Description - TS488

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA6132A2 TI1-TPA6132A2 Datasheet
1Mb / 28P
[Old version datasheet]   Stereo Headphone Amplifier With Pop Suppression
TPA6132A2 TI1-TPA6132A2_17 Datasheet
1Mb / 28P
[Old version datasheet]   25-mW DirectPath Stereo Headphone Amplifier With Pop Suppression
TPA6136A2 TI-TPA6136A2 Datasheet
921Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6136A2 TI-TPA6136A2_15 Datasheet
1Mb / 23P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
TEXAS ADVANCED OPTOELEC...
TPA6132A2 TAOS-TPA6132A2 Datasheet
1,001Kb / 22P
   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
logo
Texas Instruments
TPA6132A2 TI-TPA6132A2 Datasheet
1,001Kb / 22P
[Old version datasheet]   25-mW DIRECTPATH??STEREO HEADPHONE AMPLIFIER WITH POP SUPPRESSION
TPA6132A2 TI-TPA6132A2_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPA6132A2 25-mW DirectPath??Stereo Headphone Amplifier With Pop Suppression
logo
Diodes Incorporated
PAM8901 DIODES-PAM8901 Datasheet
612Kb / 13P
   25mW TRUE CAP FREE STEREO HEADPHONE AMPLIFIER
logo
MOSA ELECTRONICS
MS6863 MOSA-MS6863 Datasheet
578Kb / 14P
   Dual 2W Power Amplifiers / Stereo Headphone Low Voltage, Pop Noise Free Fun
logo
Jiaxing Heroic Technolo...
HT4832 HEROIC-HT4832 Datasheet
430Kb / 3P
   33mW output-free capacitor stereo headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com