Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QEV4KH100DT50 Datasheet(PDF) 3 Page - TEMEX

Part # QEV4KH100DT50
Description  DIL 8 Pin Half Size VCXO - Communications Equipment Application
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMEX [TEMEX]
Direct Link  http://www.temex.com
Logo TEMEX - TEMEX

QEV4KH100DT50 Datasheet(HTML) 3 Page - TEMEX

  QEV4KH100DT50 Datasheet HTML 1Page - TEMEX QEV4KH100DT50 Datasheet HTML 2Page - TEMEX QEV4KH100DT50 Datasheet HTML 3Page - TEMEX  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
QEV4
DIL 8 Pin Half Size VCXO – Communications Equipment Application
Specification (rev-C)
June 14
th, 2006
2
TEMEX reserves the right to modify herein specifications and informations at any time when necessary to provide optimum performance and cost.
Freque ncy
Mechanical Characteristics
Ordering Information
Pin connections
#1
Voltage Control
#2
Ground
#3
Output
#4
+Vcc
Marking
Line 1
Temex part number
Line 2
Frequency in MHz (6 digits)
Line 3
Date code (YYWW) – Manufacturing code
Example for QEV4KH 100LQ25 / 27.000MHz
Line 1 : QEV4KH100LQ25
Line 2 : 27.000MHz
Line 3 : 0624-G
Packaging : Antistatic Tube (40pcs/tube)
BOTTOM VIEW
Part numbering system
QEV4
KH
100
LQ
25
27.000MHZ
Package type
Supply
Voltage
Pulling Range
Operating
temperature range
Frequency
stability
Nominal
Frequency
(MHz)
DIL Package
QEV4 : 8 Pin Half Size
KH : + 5.0V
BH :
+3.3V
50 :
±50ppm
75 :
±75ppm
100 : ±100ppm
150 : ±150ppm
200 : ±200ppm
LQ :
0 to +70°C
JQ :
-10 to +70°C
HQ :
-20 to +70°C
DT :
-40 to +85°C
15 :
±15ppm
25 :
±25ppm
50 :
±50ppm
100 : ±100ppm
Please enter
the nominal
frequency
Hmax = 5.6 mm


Similar Part No. - QEV4KH100DT50

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
   SMD 7x5 VCXO - Communications Equipment Application
logo
Conquer Electronics Co....
QEV24 CONQUER-QEV24 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24060 CONQUER-QEV24060 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24070 CONQUER-QEV24070 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
QEV24080 CONQUER-QEV24080 Datasheet
510Kb / 1P
   24.4 Ø x 88.38 mm
More results

Similar Description - QEV4KH100DT50

ManufacturerPart #DatasheetDescription
logo
TEMEX
QEN4 TEMEX-QEN4 Datasheet
417Kb / 3P
   DIL 8 Pin Half Size XO - Communications Equipment Application
logo
Golledge Electronics Lt...
GVXO-41H GOLLEDGE-GVXO-41H Datasheet
547Kb / 4P
   5V VCXO in half size 8 pin DIL package
logo
EUROQUARTZ limited
GDF8 EUROQUARTZ-GDF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPA8 EUROQUARTZ-GPA8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
GPF8 EUROQUARTZ-GPF8 Datasheet
88Kb / 1P
   8 pin DIL VCXO
logo
TEMEX
QEV101 TEMEX-QEV101 Datasheet
721Kb / 5P
   SMD 7x5 VCXO - Communications Equipment Application
logo
Vectron International, ...
VVB1 VECTRON-VVB1 Datasheet
52Kb / 2P
   Half Size VCXO
logo
EUROQUARTZ limited
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com