Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TGS2302 Datasheet(PDF) 9 Page - TriQuint Semiconductor

Part # TGS2302
Description  4 - 20 GHz VPIN SPDT Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TGS2302 Datasheet(HTML) 9 Page - TriQuint Semiconductor

  TGS2302 Datasheet HTML 1Page - TriQuint Semiconductor TGS2302 Datasheet HTML 2Page - TriQuint Semiconductor TGS2302 Datasheet HTML 3Page - TriQuint Semiconductor TGS2302 Datasheet HTML 4Page - TriQuint Semiconductor TGS2302 Datasheet HTML 5Page - TriQuint Semiconductor TGS2302 Datasheet HTML 6Page - TriQuint Semiconductor TGS2302 Datasheet HTML 7Page - TriQuint Semiconductor TGS2302 Datasheet HTML 8Page - TriQuint Semiconductor TGS2302 Datasheet HTML 9Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
TGS2302
9
TriQuint Semiconductor Texas:
www.triquint.com Phone (972)994-8465 Fax (972)994-8504 Info-mmw@tqs.com
May 2006
Assembly Process Notes
GaAs MMIC devices are susceptible to damage from Electrostatic Discharge. Proper precautions should
be observed during handling, assembly and test.
Reflow process assembly notes:
Use AuSn (80/20) solder with limited exposure to temperatures at or above 300 °C for 30 sec.
An alloy station or conveyor furnace with reducing atmosphere should be used.
No fluxes should be utilized.
Coefficient of thermal expansion matching is critical for long-term reliability.
Devices must be stored in a dry nitrogen atmosphere.
Component placement and adhesive attachment assembly notes:
Vacuum pencils and/or vacuum collets are the preferred method of pick up.
Air bridges must be avoided during placement.
The force impact is critical during auto placement.
Organic attachment can be used in low-power applications.
Curing should be done in a convection oven; proper exhaust is a safety concern.
Microwave or radiant curing should not be used because of differential heating.
Coefficient of thermal expansion matching is critical.
Interconnect process assembly notes:
Thermosonic ball bonding is the preferred interconnect technique.
Force, time, and ultrasonics are critical parameters.
Aluminum wire should not be used.
Discrete FET devices with small pad sizes should be bonded with 0.0007-inch wire.
Maximum stage temperature is 200 °C.


Similar Part No. - TGS2302

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302 Datasheet
580Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
More results

Similar Description - TGS2302

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TGS2302 TRIQUINT-TGS2302_15 Datasheet
580Kb / 9P
   4 - 20 GHz VPIN SPDT Switch
TGS2313 TRIQUINT-TGS2313 Datasheet
813Kb / 9P
   4 - 18 GHz VPIN SP3T Switch
TGS2313 TRIQUINT-TGS2313_15 Datasheet
807Kb / 9P
   4 - 18 GHz VPIN SP3T Switch
logo
Tyco Electronics
MASW20000 MACOM-MASW20000 Datasheet
87Kb / 2P
   GaAs SPDT Switch DC - 20 GHz
logo
M/A-COM Technology Solu...
MASW20000 MA-COM-MASW20000 Datasheet
94Kb / 4P
   GaAs SPDT Switch DC - 20 GHz
logo
Qorvo, Inc
TGL2217 QORVO-TGL2217 Datasheet
318Kb / 8P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2217-SM QORVO-TGL2217-SM Datasheet
602Kb / 9P
   0.1 ??20 GHz 10 Watt VPIN Limiter
TGL2208-SM QORVO-TGL2208-SM Datasheet
558Kb / 10P
   2 - 20 GHz Dual Stage VPIN Limiter
logo
Filtronic Compound Semi...
FMS2024 FILTRONIC-FMS2024 Datasheet
149Kb / 4P
   DC-20 GHZ MMIC SPDT REFLECTIVE SWITCH
logo
Custom MMIC Design Serv...
CMD195 MMIC-CMD195 Datasheet
210Kb / 9P
   DC-20 GHz SPDT Non-reflective Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com