Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P1553U_L Datasheet(PDF) 1 Page - Littelfuse

Part # P1553U_L
Description  Balanced Three-chip SIDACtor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P1553U_L Datasheet(HTML) 1 Page - Littelfuse

  P1553U_L Datasheet HTML 1Page - Littelfuse P1553U_L Datasheet HTML 2Page - Littelfuse P1553U_L Datasheet HTML 3Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
R
oHS
Telecom Design Guide • © 2006 Littelfuse
3 - 31
www.littelfuse.com
Balanced Three-chip SIDACtor® Device
This six-pin SMT package offers a guaranteed balanced protection, based on a Littelfuse
patent (US Patent 4,905,119). The ‘Y’ configuration offers identical metallic and longitudinal
protection all in one package.
SIDACtor devices enable equipment to comply with various regulatory requirements
including GR 1089, ITU K.20, K.21, and K.45, IEC 60950, UL 60950, and TIA-968-A
(formerly known as FCC Part 68).
* “L” in part number indicates RoHS compliance. For non-RoHS compliant device, delete “L” from part number.
For individual “UA”, “UB”, and “UC” surge ratings, see table below.
** Asymmetrical
General Notes:
• All measurements are made at an ambient temperature of 25 °C. IPP applies to -40 °C through +85 °C temperature range.
• IPP is a repetitive surge rating and is guaranteed for the life of the product.
• Listed SIDACtor devices are bi-directional. All electrical parameters and surge ratings apply to forward and reverse polarities.
• VDRM is measured at IDRM.
• VS is measured at 100 V/µs.
• Special voltage (VS and VDRM) and holding current (IH) requirements are available upon request.
• Device is designed to meet balance requirements of GTS 8700 and GR 974.
* Current waveform in µs
** Voltage waveform in µs
Electrical Parameters
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
Pins 1-3, 1-4
Pins 3-4
P1553U_L
130
180
130
18085800
2.2
150
P1803U_L
150
210
150
210
8
5
800
2.2
150
P2103U_L
170
250
170
25085800
2.2
150
P2353U_L
200
270
200
270
8
5
800
2.2
150
P2703U_L
230
300
230
30085800
2.2
150
P3203U_L
270
350
270
350
8
5
800
2.2
150
P3403U_L
300
400
300
40085800
2.2
150
P5103U_L
420
600
420
600
8
5
800
2.2
150
Part
Number *
VDRM
Volts
VS
Volts
VDRM
Volts
VS
Volts
VT
Volts
IDRM
µAmps
IS
mAmps
IT
Amps
IH
mAmps
Pins 1-3, 1-4
Pins 3-4
A2106U_3L **
170
250
50
80
8
5
800
2.2
120
A5030U_3L **
400
550
270
340
8
5
800
2.2
120
Surge Ratings in Amps
IPP
ITSM
50 / 60 Hz
di/dt
0.2x310 *
0.5x700 **
2x10 *
2x10 **
8x20 *
1.2x50 **
10x160 *
10x160 **
10x560 *
10x560 **
5x320 *
9x720 **
10x360 *
10x360 **
10x1000 *
10x1000 **
5x310 *
10x700 **
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps
Amps/µs
A
20
150
150
90
50
75
75
45
75
20
500
B
25
250
250
150
100
100
125
80
100
30
500
C
50
500
400
200
150
200
175
100
200
50
500
1
4
6
3
2
5


Similar Part No. - P1553U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553UALXX LITTELFUSE-P1553UALXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
P1553UBLXX LITTELFUSE-P1553UBLXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
P1553UCLXX LITTELFUSE-P1553UCLXX Datasheet
157Kb / 5P
   The series provides a single port surface mount solution that enables voice
More results

Similar Description - P1553U_L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P1553A_L LITTELFUSE-P1553A_L Datasheet
103Kb / 3P
   Balanced Three-chip SIDACtor
P1553ACMC LITTELFUSE-P1553ACMC Datasheet
122Kb / 2P
   Balanced Three-chip MicroCapacitance (MC) SIDACtor Device
P1556U_L LITTELFUSE-P1556U_L Datasheet
172Kb / 3P
   Multiport Balanced SIDACtor
P2706UCLRP LITTELFUSE-P2706UCLRP Datasheet
178Kb / 3P
   Multiport Balanced SIDACtor Device
A2106UC6RP LITTELFUSE-A2106UC6RP Datasheet
2Mb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P3206UCLRP LITTELFUSE-P3206UCLRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
A2106UC6LRP LITTELFUSE-A2106UC6LRP Datasheet
156Kb / 5P
   SIDACtor Balanced Multiport Series - MS-013
P3403AAL LITTELFUSE-P3403AAL Datasheet
144Kb / 5P
   SIDACtor Balanced Series - Modified TO-220
P0602A_L LITTELFUSE-P0602A_L Datasheet
154Kb / 3P
   Two-chip SIDACtor
P6002ADL LITTELFUSE-P6002ADL Datasheet
146Kb / 2P
   High Surge Current Three-pin SIDACtor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com