Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPL-94B73B-WG Datasheet(PDF) 5 Page - Optoway Technology Inc

Part # SPL-94B73B-WG
Description  ITU-T G.984.2 G-PON CLASS B Digital Diagnostic SC SFP OLT Transceiver 3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX / 1.244 Gbps 1310 nm Burst-Mode RX
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTOWAY [Optoway Technology Inc]
Direct Link  http://www.optoway.com.tw
Logo OPTOWAY - Optoway Technology Inc

SPL-94B73B-WG Datasheet(HTML) 5 Page - Optoway Technology Inc

  SPL-94B73B-WG Datasheet HTML 1Page - Optoway Technology Inc SPL-94B73B-WG Datasheet HTML 2Page - Optoway Technology Inc SPL-94B73B-WG Datasheet HTML 3Page - Optoway Technology Inc SPL-94B73B-WG Datasheet HTML 4Page - Optoway Technology Inc SPL-94B73B-WG Datasheet HTML 5Page - Optoway Technology Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Optoway
SPL-94B73B-WG
*****************************************************************************************************************************************************************************
*****************************************************************************************************************************************************************************
OPTOWAY TECHNOLOGY INC. No.38, Kuang Fu S. Road, Hu Kou, Hsin Chu Industrial Park, Hsin Chu, Taiwan 303
Tel: 886-3-5979798
Fax: 886-3-5979737
E-mail: sales@optoway.com.tw
http: // www.optoway.com.tw
4/1/2007 V1.0
5
RECOMMENDED CIRCUIT SCHEMATIC
10nF
10
μF
10nF
10
μF
VeeR
POST
Amp
LD
Driver
Z=50
Ω
Z=50
Ω
Z=50
Ω
Z=50
Ω
VeeT
1
μH
1
μH
TD -
TD +
VccT
VccR
RD -
RD +
100
Ω
SFP OLT Module
LOS
RD -
RD +
TD -
TD +
10nF
10
μF
EEPROM
To I2C Bus
Tx_DISABLE
Tx_FAULT
MOD_DEF(0)
MOD_DEF(1)
MOD_DEF(2)
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
4.7K to 10K
Ω
Tx_FAULT
Tx_DISABLE
(1,17,20)
3
2
18
19
16
15
12
13
8
(9,10,11,14)
6
5
4
4.7K to 10K
Ω
Vcc 3.3V
Vcc 3.3V
82
Ω
130
Ω
82
Ω
130
Ω
Vcc 3.3V
10nF
LOSSOF SINGAL
CDR or PHY DEVICE
LVPECL
LVPECL
Vcc 3.3V
Vcc 3.3V
depending on customer's PHY
PACKAGE DIAGRAM
Units in mm
Note: Specifications subject to change without notice.


Similar Part No. - SPL-94B73B-WG

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SPL-2F81-2S OSRAM-SPL-2F81-2S Datasheet
206Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
SPL-2F94-2S OSRAM-SPL-2F94-2S Datasheet
203Kb / 8P
   Laser Diode in TO-220 Package with FC-Connector 1.5 W cw
logo
Source Photonics, Inc.
SPL-34-GB-BD-CDA SOURCE-SPL-34-GB-BD-CDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-CNA SOURCE-SPL-34-GB-BD-CNA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
SPL-34-GB-BD-TDA SOURCE-SPL-34-GB-BD-TDA Datasheet
527Kb / 7P
   SFP Bi-Directional Transceiver
More results

Similar Description - SPL-94B73B-WG

ManufacturerPart #DatasheetDescription
logo
Optoway Technology Inc
NU-73B94B-PG OPTOWAY-NU-73B94B-PG Datasheet
157Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class B G-PON ONU Transceiver
NU-73C94C-PG OPTOWAY-NU-73C94C-PG Datasheet
156Kb / 6P
   3.3V, 1.244 Gbps 1310 nm Burst-Mode TX / 2.488 Gbps 1490 nm Continuous RX 2X5 SFF Package, ITU-T G.984.2 Class C G-PON ONU Transceiver
SPL-54B33B-G OPTOWAY-SPL-54B33B-G Datasheet
179Kb / 5P
   3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B SFP OLT Transceiver
LT-54B353B-PG OPTOWAY-LT-54B353B-PG Datasheet
124Kb / 5P
   3.3V / 622 Mbps 1490 nm Continuous-Mode TX / 155 Mbps 1310 nm Burst-Mode RX ITU-T G.983.3 B-PON CLASS B 2X5 SFF OLT Transceiver
LT-74H73H-PG OPTOWAY-LT-74H73H-PG Datasheet
122Kb / 5P
   3.3V, 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX 2X5 SFF Package, GE-PON OLT Transceiver
SPL-74H73H-G OPTOWAY-SPL-74H73H-G Datasheet
172Kb / 4P
   3.3V / 1.25 Gbps 1490 nm Continuous-Mode TX / 1.25 Gbps 1310 nm Burst-Mode RX IEEE 802.3ah-2004 PX-20 SC SFP OLT Transceiver
LT-94C73C-P1G OPTOWAY-LT-94C73C-P1G Datasheet
243Kb / 6P
   3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX
LT-94C73C-PWG OPTOWAY-LT-94C73C-PWG Datasheet
235Kb / 7P
   3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX
LT-94B73B-P1G OPTOWAY-LT-94B73B-P1G Datasheet
243Kb / 6P
   3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX
LT-94B73B-PWG OPTOWAY-LT-94B73B-PWG Datasheet
235Kb / 7P
   3.3V / 2.488 Gbps 1490 nm Continuous-Mode TX
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com