Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM13305-18ARZ-RL71 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM13305-18ARZ-RL71
Description  Dual Processor Supervisors with Watchdog
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM13305-18ARZ-RL71 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM13305-18ARZ-RL71 Datasheet HTML 4Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 5Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 6Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 7Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 8Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 9Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 10Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 11Page - Analog Devices ADM13305-18ARZ-RL71 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM13305
Rev. 0 | Page 9 of 12
0
0–
–50
–40
–30
–20
–10
HIGH LEVEL OUTPUT CURRENT, IOH (mA)
6.0
60
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
–40°C
0°C
+25°C
+85°C
VDD = 5.5V
MR = OPEN
Figure 10. High Level Output Voltage vs. High Level Output Current
0
06
LOW LEVEL OUTPUT CURRENT, IOL (mA)
0.25
0.20
0.15
0.10
0.05
24
13
5
VDD = 2V
MR = OPEN
–40°C
0°C
+25°C
+85°C
Figure 11. Low Level Output Voltage vs. Low Level Output Current
0
06
LOW LEVEL OUTPUT CURRENT, IOL (mA)
1.0
0.9
0.8
0.7
0.6
0.5
0.4
0.3
0.2
0.1
0
5
101520253035
40
455055
–40°C
0°C
+25°C
+85°C
VDD = 5.5V
MR = OPEN
Figure 12. Low Level Output Voltage vs. Low Level Output Current


Similar Part No. - ADM13305-18ARZ-RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
More results

Similar Description - ADM13305-18ARZ-RL71

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM13305 AD-ADM13305_15 Datasheet
313Kb / 12P
   Dual Processor Supervisors with Watchdog
REV. 0
logo
Texas Instruments
TPS3305-18DRG4 TI1-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305-18DRG4 TI-TPS3305-18DRG4 Datasheet
780Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305- TI-TPS3305- Datasheet
236Kb / 13P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3305 TI1-TPS3305_16 Datasheet
998Kb / 18P
[Old version datasheet]   DUAL PROCESSOR SUPERVISORS
TPS3307- TI-TPS3307- Datasheet
430Kb / 14P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-EP TI1-TPS3307-18-EP_16 Datasheet
984Kb / 18P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18 TI1-TPS3307-18_16 Datasheet
1Mb / 20P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
TPS3307-18-Q1 TI1-TPS3307-18-Q1_16 Datasheet
801Kb / 15P
[Old version datasheet]   TRIPLE PROCESSOR SUPERVISORS
logo
Analog Devices
ADM13307 AD-ADM13307_15 Datasheet
299Kb / 12P
   Triple Processor Supervisors
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com