Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRD190S Datasheet(PDF) 2 Page - Littelfuse

Part # LRD190S
Description  Max. Device Surface Temperature in Tripped State
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LRD190S Datasheet(HTML) 2 Page - Littelfuse

  LRD190S Datasheet HTML 1Page - Littelfuse LRD190S Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
In our continuing strategy to deliver unparalleled circuit protection solutions,
technical expertise and application leadership, we proudly introduce the
WICKMANN Group and its products to the Littelfuse portfolio.
040706
www.littelfuse.com
A: LRD380
B: LRD450
C: LRD730
1.00
10.00
100.00
0.01
0.10
1.00
10.00
100.00
Fault Current (A)
AB
C
POLYFUSE® RESETTABLE FUSES
LRD
Thermal Derating Chart
Model
Ambient Operation Temperature - I
hold (A)
-40 °C
-20 °C
0 °C
23 °C
40 °C
50 °C
60 °C
70 °C
85 °C
LRD190
2.80
2.50
2.30
1.90
1.60
1.50
1.40
1.20
1.00
LRD190S
2.80
2.50
2.30
1.90
1.60
1.50
1.40
1.20
1.00
LRD260
3.80
3.40
3.10
2.60
2.20
2.00
1.90
1.70
1.40
LRD260S
3.80
3.40
3.10
2.60
2.20
2.00
1.90
1.70
1.40
LRD380
5.50
4.90
4.40
3.80
3.30
3.00
2.80
2.50
2.10
LRD450
6.50
5.80
5.30
4.50
3.90
3.60
3.30
2.90
2.50
LRD550
8.00
7.10
6.20
5.50
4.70
4.30
4.00
3.60
3.00
LRD600
8.70
7.80
7.10
6.00
5.20
4.70
4.40
3.90
3.30
LRD730
10.60
9.50
8.60
7.30
6.30
5.70
5.40
4.70
4.00


Similar Part No. - LRD190S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LRD10 ETC2-LRD10 Datasheet
5Mb / 56P
   TeSys짰 IEC Contactors and Starters
logo
Schneider Electric
LRD10 SCHNEIDER-LRD10 Datasheet
139Kb / 4P
   TeSys LRD, thermal overload relay, 4 to 6 A, class 10A
LRD10 SCHNEIDER-LRD10 Datasheet
123Kb / 4P
   TeSys Deca, thermal overload relay, 4 to 6 A, class 10A
May 25, 2022
LRD103 SCHNEIDER-LRD103 Datasheet
145Kb / 3P
   TeSys LRD thermal overload relays - 4...6 A - class 10A
LRD103 SCHNEIDER-LRD103 Datasheet
114Kb / 3P
   TeSys Deca thermal overload relays - 4...6 A - class 10A
May 30, 2022
More results

Similar Description - LRD190S

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
W57 TEC-W57 Datasheet
278Kb / 3P
   Cannot be manually tripped.
logo
Altera Corporation
EPM240G ALTERA-EPM240G Datasheet
1Mb / 86P
   MAX II Device Family
MAX2 ALTERA-MAX2 Datasheet
2Mb / 297P
   MAX II Device Handbook
October 2008, version 2.1
5M80ZE64I5N ALTERA-5M80ZE64I5N Datasheet
3Mb / 166P
   MAX V Device Handbook
EPM240 ALTERA-EPM240_10 Datasheet
863Kb / 88P
   MAX II Device Family Data
logo
Maxim Integrated Produc...
MAX6687 MAXIM-MAX6687 Datasheet
138Kb / 7P
   Local/Remote Temperature Switches in a 關MAX Package
Rev 2; 11/03
logo
Altera Corporation
EPM1270 ALTERA-EPM1270 Datasheet
987Kb / 88P
   Section I. MAX II Device Family
August 2009
logo
Intel Corporation
EPM240 INTEL-EPM240 Datasheet
622Kb / 101P
   MAX II Device Family Data Sheet
December 2006
logo
Maxim Integrated Produc...
MAX6683 MAXIM-MAX6683 Datasheet
170Kb / 14P
   Temperature Sensor and System Monitor in a 10-Pin 關MAX
Rev 1; 7/04
logo
Shanghai Leiditech Elec...
LDT143ZM LEIDITECH-LDT143ZM Datasheet
395Kb / 2P
   Qualified max reflow temperature:260?
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com