Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS28226DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPS28226DR
Description  High-Frequency 4-A Sink Synchronous MOSFET Drivers
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS28226DR Datasheet(HTML) 5 Page - Texas Instruments

  TPS28226DR Datasheet HTML 1Page - Texas Instruments TPS28226DR Datasheet HTML 2Page - Texas Instruments TPS28226DR Datasheet HTML 3Page - Texas Instruments TPS28226DR Datasheet HTML 4Page - Texas Instruments TPS28226DR Datasheet HTML 5Page - Texas Instruments TPS28226DR Datasheet HTML 6Page - Texas Instruments TPS28226DR Datasheet HTML 7Page - Texas Instruments TPS28226DR Datasheet HTML 8Page - Texas Instruments TPS28226DR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TPS28226
SLUS791 – OCTOBER 2007
over operating free-air temperature range (unless otherwise noted)
(1) (2)
TPS28226
VALUE
UNIT
Input supply voltage range, VDD
(3)
–0.3 to 8.8
Boot voltage, VBOOT
–0.3 to 33
DC
–2 to 32 or VBOOT + 0.3 – VDD whichever is less
Phase voltage, VPHASE
Pulse < 400 ns, E = 20
μJ
–7 to 33.1 or VBOOT + 0.3 – VDD whichever is less
Input voltage range, VPWM, VEN/PG
–0.3 to 13.2
VPHASE – 0.3 to VBOOT + 0.3, (VBOOT – VPHASE < 8.8)
V
Output voltage range, VUGATE
Pulse < 100 ns, E = 2
μJ
VPHASE – 2 to VBOOT + 0.3, (VBOOT – VPHASE < 8.8)
–0.3 to VDD + 0.3
Output voltage range, VLGATE
Pulse < 100 ns, E = 2
μJ
–2 to VDD + 0.3
ESD rating, HBM
2 k
ESD rating, HBM ESD rating, CDM
500
Continuous total power dissipation
See Dissipation Rating Table
Operating virtual junction temperature range, TJ
–40 to 150
Operating ambient temperature range, TA
–40 to 125
°C
Storage temperature, Tstg
–65 to 150
Lead temperature (soldering, 10 sec.)
300
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
These devices are sensitive to electrostatic discharge; follow proper device handling procedures.
(3)
All voltages are with respect to GND unless otherwise noted. Currents are positive into, negative out of the specified terminal. Consult
Packaging Section of the Data book for thermal limitations and considerations of packages.
DERATING FACTOR
TA < 25°C
TA =70°C
TA = 85°C
BOARD
PACKAGE
RθJC
RθJA
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
High-K(2)
D
39.4
°C/W
100C/W
10 mW/C
1.25 W
0.8 W
0.65 W
High-K(3)
DRB
1.4
°C/W
48.5C/W
20.6 mW/C
2.58 W
1.65 W
1.34 W
(1)
These thermal data are taken at standard JEDEC test conditions and are useful for the thermal performance comparison of different
packages. The cooling condition and thermal impedance RθJA of practical design is specific.
(2)
The JEDEC test board JESD51-7, 3-inch x 3-inch, 4-layer with 1-oz internal power and ground planes and 2-oz top and bottom trace
layers.
(3)
The JEDEC test board JESD51-5 with direct thermal pad attach, 3-inch x 3-inch, 4-layer with 1-oz internal power and ground planes and
2-oz top and bottom trace layers.
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Input supply voltage
6.8
7.2
8
V
VIN
Power input voltage
3
32 V–VDD
TJ
Operating junction temperature range
–40
125
C
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TPS28226


Similar Part No. - TPS28226DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28226DR TI1-TPS28226DR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBR TI1-TPS28226DRBR Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226DRBT TI1-TPS28226DRBT Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
More results

Similar Description - TPS28226DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS28225-Q1 TI1-TPS28225-Q1 Datasheet
777Kb / 34P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI1-TPS28225_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28226 TI1-TPS28226_15 Datasheet
1Mb / 39P
[Old version datasheet]   TPS28226 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225-Q1 TI1-TPS28225-Q1_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS28225-Q1 High-Frequency 4-A Sink Synchronous MOSFET Drivers
TPS28225 TI-TPS28225 Datasheet
987Kb / 30P
[Old version datasheet]   High-Frequency 4-A Sink Synchronous MOSFET Driver
logo
Intersil Corporation
ISL6615A INTERSIL-ISL6615A Datasheet
239Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615ACBZ INTERSIL-ISL6615ACBZ Datasheet
414Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
April 13, 2012
ISL6615AIRZ-T INTERSIL-ISL6615AIRZ-T Datasheet
412Kb / 12P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
logo
Renesas Technology Corp
ISL6615 RENESAS-ISL6615 Datasheet
567Kb / 11P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
ISL6615A RENESAS-ISL6615A Datasheet
626Kb / 13P
   High-Frequency 6A Sink Synchronous MOSFET Drivers with Protection Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com