Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMOV34S551MP Datasheet(PDF) 5 Page - Littelfuse

Part # TMOV34S551MP
Description  High Energy Industrial Thermally Protected
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

TMOV34S551MP Datasheet(HTML) 5 Page - Littelfuse

  TMOV34S551MP Datasheet HTML 1Page - Littelfuse TMOV34S551MP Datasheet HTML 2Page - Littelfuse TMOV34S551MP Datasheet HTML 3Page - Littelfuse TMOV34S551MP Datasheet HTML 4Page - Littelfuse TMOV34S551MP Datasheet HTML 5Page - Littelfuse TMOV34S551MP Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Varistor Products
©2012 Littelfuse, Inc.
Revision: July 5, 2012
TMOV®34S Varistor Series
Industrial High Energy Thermally Protected Varistors > TMOV
®34S Series
Specifications are subject to change without notice.
Please refer to www.littelfuse.com/series/tmov34s.html for current information.
Pulse Rating Curve
Hx34
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION ( μs)
15
1
INDEFINITE
105
102
2
103
104
106
Peak Current & Energy Derating Curve
Typical time to open circuit under UL1449 Abnormal
Overvoltage Limited Current Test
0.1
1
10
10
100
1000
1000
Time s
0.125A
0.5A
2.5A
5A
Typical
V–I Characteristic Curves for TMOV®34S Varistor
1000
10000
1mA
10mA
100mA
1A
10A
100A 
10000A
100000A
TA = -55 C to 85C
V751
V681
V661
V571
V551
V511
V391
V351 V331 V321
V271
V251 V201 V181
V151
V141
V111
V131
V301
V481
V461
V421
100
1000A
Maximum Clamping Voltage
TMOV34S series
Current - AMPS
Voltage -
VOLTS
® Series TMOV®34S devices
are intended, in conjunction with appropriate enclosure
overvoltage conditions, the units will exhibit substantial
heating and potential venting prior to opening. Modules
should be designed to contain this possibility. Application
testing is strongly recommended.
surge current and energy ratings must be reduced as shown.
0
20
40
60
80
100
-55
50
60
70
80
90
100
110
120
130
AMBIENT TEMPERATURE (ºC)
Figure 1
Figure 2
Figure 3
Figure 4


Similar Part No. - TMOV34S551MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S551MP LITTELFUSE-TMOV34S551MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
More results

Similar Description - TMOV34S551MP

ManufacturerPart #DatasheetDescription
logo
Littelfuse
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
   Varistor Products - High Energy Industrial Thermally Protected
TMOV34S111MP LITTELFUSE-TMOV34S111MP Datasheet
994Kb / 8P
   Industrial High Energy Thermally Protected Varistors > TMOV짰34S Series
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV_13 Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV
SS150MOV MDE-SS150MOV Datasheet
304Kb / 5P
   High Energy Thermally Protected SSMOV
logo
IK Semicon Co., Ltd
ILA82C251 IKSEMICON-ILA82C251 Datasheet
353Kb / 13P
   Thermally protected
logo
Harris Corporation
HIP5600 HARRIS-HIP5600 Datasheet
175Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Intersil Corporation
HIP5600 INTERSIL-HIP5600_02 Datasheet
878Kb / 16P
   Thermally Protected High Voltage Linear Regulator
logo
Littelfuse
TMOV14R115E LITTELFUSE-TMOV14R115E Datasheet
835Kb / 9P
   Varistor Products - Thermally Protected
TMOV14R115E LITTELFUSE-TMOV14R115E_1 Datasheet
440Kb / 9P
   Varistor Products - Thermally Protected
logo
MDE Semiconductor, Inc.
TT150MOV MDE-TT150MOV Datasheet
750Kb / 3P
   High Energy Thermally Protected TTxxxMOV VOLTAGE-150 to 690 Volts AC Integrated Transient Surge Protector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com