Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P3100SDL Datasheet(PDF) 8 Page - Littelfuse

Part # P3100SDL
Description  gas plasma arresters-package dimensions/specifications
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

P3100SDL Datasheet(HTML) 8 Page - Littelfuse

Back Button P3100SDL Datasheet HTML 4Page - Littelfuse P3100SDL Datasheet HTML 5Page - Littelfuse P3100SDL Datasheet HTML 6Page - Littelfuse P3100SDL Datasheet HTML 7Page - Littelfuse P3100SDL Datasheet HTML 8Page - Littelfuse P3100SDL Datasheet HTML 9Page - Littelfuse P3100SDL Datasheet HTML 10Page - Littelfuse P3100SDL Datasheet HTML 11Page - Littelfuse P3100SDL Datasheet HTML 12Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
www.littelfuse.com
9 - 8
© 2006 Littelfuse, Inc. • Telecom Design Guide
6,'$&WRUŠ'2$$3DFNDJH6\PEROL]DWLRQ
6,'$&WRUŠ '2$$3DFNDJH6\PEROL]DWLRQ
Note: Date code is located below the symbolized part number.
Part Number
Part Number
Part Number
Catalog
Symbolized
Catalog
Symbolized
Catalog
Symbolized
P0080SAL
P-8A
P1101SCL
P01C
P2600SAL
P26A
P0080SAMCL
P-8AM
P1200SAL
P12A
P2600SBL
P26B
P0080SBL
P-8B
P1200SBL
P12B
P2600SCL
P26C
P0080SCL
P-8C
P1200SCL
P12C
P2600SDL
P26D
P0080SDL
P-8D
P1200SDL
P12D
P2600SCMCL
P26CM
P0080SCMCL
P-8CM
P1200SCMCL
P12CM
P2602SAL
P262A
P0300SAL
P03A
P1300SAL
P13A
P2702CAL
P27A
P0300SAMCL
P03AM
P1300SBL
P13B
P3002CAL
P30A
P0300SBL
P03B
P1300SCL
P13C
P3002CBL
P30B
P0300SCL
P03C
P1300SDL
P13D
P3002SAL
P30A
P0300SCMCL
P03CM
P1300SCMCL
P13CM
P3002SBL
P30B
P0640SAL
P06A
P1302SAL
P132A
P3100SAL
P31A
P0640SBL
P06B
P1402CAL
P14A
P3100SBL
P31B
P0640SCL
P06C
P1500SAL
P15A
P3100SCL
P31C
P0640SDL
P06D
P1500SBL
P15B
P3100SDL
P31D
P0640SCMCL
P06CM
P1500SCL
P15C
P3100SCMCL
P31CM
P0641CA2L
P62A
P1500SDL
P15D
P3500SAL
P35A
P0641SAL
P61A
P1500SCMCL
P15CM
P3500SBL
P35B
P0641SCL
P61C
P1502SAL
P152A
P3500SCL
P35C
P0720SAL
P07A
P1602CAL
P16A
P3500SDL
P35D
P0720SBL
P07B
P1800SAL
P18A
P3500SCMCL
P35CM
P0720SCL
P07C
P1800SBL
P18B
P3502SAL
P352A
P0720SDL
P07D
P1800SCL
P18C
P3602CAL
P36A
P0720SCMCL
P07CM
P1800SDL
P18D
P4202CAL
P42A
P0721CA2L
P72A
P1800SCMCL
P18CM
P4202SAL
P422A
P0721SAL
P71A
P1802SAL
P182A
P4802CAL
P48A
P0721SCL
P71C
P2000SAL
P20A
P4802SAL
P482A
P0900SAL
P09A
P2000SBL
P20B
P6002CAL
P60A
P0900SBL
P09B
P2000SCL
P20C
P6002CBL
P60B
P0900SCL
P09C
P2000SCMCL
P20CM
P6002SAL
P602A
P0900SDL
P09D
P2202CAL
P22A
B1100CAL
B10A
P0900SCMCL
P09CM
P2300SAL
P23A
B1100CCL
B10C
P0901CA2L
P92A
P2300SBL
P23B
B1160CAL
B16A
P0901SAL
P91A
P2300SCL
P23C
B1160CCL
B16C
P0901SCL
P91C
P2300SDL
P23D
B1200CAL
B12A
P1100SAL
P11A
P2300SCMCL
P23CM
B1200CCL
B12C
P1100SBL
P11B
P2302SAL
P232A
B2050CAL
B25A
P1100SCL
P11C
P2500SAL
P25A
B2050CCL
B25C
P1100SDL
P11D
P2500SBL
P25B
P1100SCMCL
P11CM
P2500SCL
P25C
P1101CA2L
P02A
P2500SDL
P25D
P1101SAL
P01A
P2500SCMCL
P25CM


Similar Part No. - P3100SDL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P3100SDL LITTELFUSE-P3100SDL Datasheet
154Kb / 3P
   High Surge Current (D-rated) SIDACtor짰 Device
P3100SDLRP LITTELFUSE-P3100SDLRP Datasheet
134Kb / 4P
   The series provides a 200A 10/1000 關s rated surface mount solution
More results

Similar Description - P3100SDL

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
SL1003 LITTELFUSE-SL1003 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
18A LITTELFUSE-18A Datasheet
80Kb / 1P
   18A/18B Series Potted Gas Plasma Arresters
SL1011B LITTELFUSE-SL1011B Datasheet
160Kb / 2P
   Gas Plasma Arrester
SL1024A090 LITTELFUSE-SL1024A090 Datasheet
329Kb / 4P
   Gas Plasma Arrester
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
Littelfuse
SL1411A LITTELFUSE-SL1411A Datasheet
189Kb / 2P
   Two-terminal Gas Plasma Arrester
SL1011B250A LITTELFUSE-SL1011B250A Datasheet
100Kb / 2P
   SL1011B Series Gas Plasma Arrester
XT350 LITTELFUSE-XT350 Datasheet
76Kb / 2P
   Switching Gas Discharge Tubes - Gas Plasma Voltage Dependent Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com