Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC2932AIPW Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TLC2932AIPW
Description  HIGH PERFORMANCE PHASE LOCKED LOOP
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC2932AIPW Datasheet(HTML) 6 Page - Texas Instruments

Back Button TLC2932AIPW Datasheet HTML 2Page - Texas Instruments TLC2932AIPW Datasheet HTML 3Page - Texas Instruments TLC2932AIPW Datasheet HTML 4Page - Texas Instruments TLC2932AIPW Datasheet HTML 5Page - Texas Instruments TLC2932AIPW Datasheet HTML 6Page - Texas Instruments TLC2932AIPW Datasheet HTML 7Page - Texas Instruments TLC2932AIPW Datasheet HTML 8Page - Texas Instruments TLC2932AIPW Datasheet HTML 9Page - Texas Instruments TLC2932AIPW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TLC2932A
HIGH PERFORMANCE PHASE LOCKED LOOP
SLES150 − OCTOBER 2005
6
TI.COM
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
electrical characteristics, VDD = 3 V, TA = 25°C (unless otherwise noted) (continued)
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High level output voltage
IOH = –2 mA
2.4
V
VOL
Low level output voltage
IOL = 2 mA
0.3
V
IOZ
High impedance state output current
PFD inhibit = high, VO = VDD or GND
±1
µA
VIH
High level input voltage at Fin−A, Fin−B
2.1
V
VIL
Low level input voltage at Fin−A, Fin−B
0.5
V
VTH
Input threshold voltage at PFD inhibit
0.9
1.5
2.1
CIN
Input capacitance at Fin−A, Fin−B
5.6
pF
ZIN
Input impedance at Fin−A, Fin−B
10
M
IDD(Z)
High impedance state PFD supply current
See Note 6
1
µA
IDD(PFD)
PFD supply current
See Note 7
3
mA
NOTES:
6. The current into LOGIC VDD when FIN−A and FIN−B = ground, PFD INHIBIT = VDD, PFD OUT open, and VCO OUT is inhibited.
7. The current into LOGIC VDD when FIN−A = 1 MHz and FIN−B = 1 MHz (VI(PP) = 3 V, rectangular wave), PFD INHIBIT = GND, PFD
OUT open, and VCO OUT is inhibited.
operation characteristics, VDD = 3 V, TA = 25°C (unless otherwise noted)
VCO section
Parameter
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fOSC
Operation oscillation frequency
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
17
25
33
MHz
fSTB
Time to stable oscillation (see Note 8)
10
µs
tr
Rise time
CL = 15 pF
9
14
ns
tf
Fall time
CL = 15 pF
7.6
12
ns
Duty cycle at VCO OUT
RBIAS = 3.3 kΩ, VCO IN = 1/2 VDD
45%
50%
55%
α (fOSC) Temperature coefficient of oscillation
frequency
VCO IN = 1/2 VDD, TA = –20°C to
75
°C
–0.264
%/
°C
kSVS
(fosc)
Supply voltage coefficient of oscillation
frequency
VCO IN = 1/2 VDD, VDD = 4.75 V to
5.25 V
0.004
%/mV
Jitter absolute (see Note 9)
PLL jitter, N = 128
325
ps
NOTES:
8. The time period to the stable VCO oscillation frequency after the VCO INHIBIT terminal is changed to a low level.
9. Jitter performance is highly dependent on circuit layout and external device characteristics. The jitter specification was made with
a carefully deigned PCB with no device socket.
PFD section
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
Maximum operation frequency
17
MH
tPLZ
PFD output disable time from low level
22
50
ns
tPHZ
PFD output disable time from high level
21
50
ns
tPZL
PFD output enable time to low level
6.5
30
ns
tPZH
PFD output enable time to high level
7
30
ns
tr
Rise time
CL = 15 pF
3.4
10
ns
tf
Fall time
CL = 15 pF
1.9
10
ns


Similar Part No. - TLC2932AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2932AIPW TI1-TLC2932AIPW Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWG4 TI1-TLC2932AIPWG4 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWR TI1-TLC2932AIPWR Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932AIPWRG4 TI-TLC2932AIPWRG4 Datasheet
675Kb / 23P
[Old version datasheet]   HIGH PERFORMANCE PAHSE LOCKED LOOP
TLC2932AIPWRG4 TI1-TLC2932AIPWRG4 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
More results

Similar Description - TLC2932AIPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC2933 TI-TLC2933 Datasheet
367Kb / 21P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI-TLC2933A Datasheet
282Kb / 19P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2933 TI1-TLC2933_13 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932A TI1-TLC2932A_16 Datasheet
680Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
TLC2932 TI1-TLC2932_15 Datasheet
811Kb / 29P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2932 TI-TLC2932 Datasheet
418Kb / 24P
[Old version datasheet]   HIGH-PERFORMANCE PHASE-LOCKED LOOP
TLC2933A TI1-TLC2933A_16 Datasheet
677Kb / 24P
[Old version datasheet]   HIGH PERFORMANCE PHASE LOCKED LOOP
logo
Z-Communications, Inc
PSA4000A ZCOMM-PSA4000A Datasheet
78Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA4900A ZCOMM-PSA4900A Datasheet
79Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
PSA5300A ZCOMM-PSA5300A Datasheet
80Kb / 2P
   LOW COST - HIGH PERFORMANCE PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com