Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS1113-BSSU Datasheet(PDF) 9 Page - ams AG

Part # AS1113-BSSU
Description  50mA, 16-Channel LED Driver with Diagnostics
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS1113-BSSU Datasheet(HTML) 9 Page - ams AG

Back Button AS1113-BSSU Datasheet HTML 5Page - ams AG AS1113-BSSU Datasheet HTML 6Page - ams AG AS1113-BSSU Datasheet HTML 7Page - ams AG AS1113-BSSU Datasheet HTML 8Page - ams AG AS1113-BSSU Datasheet HTML 9Page - ams AG AS1113-BSSU Datasheet HTML 10Page - ams AG AS1113-BSSU Datasheet HTML 11Page - ams AG AS1113-BSSU Datasheet HTML 12Page - ams AG AS1113-BSSU Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.austriamicrosystems.com
Revision 1.00
9 - 24
AS1113
Data Sheet - D e t a i l e d D e s c r i p t i o n
Serial Interface
Data accesses are made serially via pins SDI and SDO. At each CLK rising edge, the signal present at pin SDI is
shifted into the first bit of the internal shift register and the other bits are shifted ahead of the first bit. The MSB is the
first bit to be clocked in. In error-detection mode the shift register will latch-in the corresponding error data of tempera-
ture-, open-, and short-error register with each falling edge of LD.
The 16-bit data register will latch the data of the shift register at each rising edge of LD. This data is then used to drive
the current generator output drivers to switch on the corresponding LEDs as OEN goes low.
Timing Diagrams
This section contains timing diagrams referenced in other sections of this data sheet.
Figure 8. Normal Mode Timing Diagram
Figure 9. Output Delay Timing Diagram
OEN
OUTNx
LD
SDO
SDI
CLK
tSU(L)
tH(L)
tW(L)
tW(CLK)
tP1
tH(D)
50%
50%
50%
50%
50%
50%
tSU(D)
OEN Low = Output Enabled
tP2
OUTNx High = Output Off
OUTNx Low = Output On
50%
50%
50%
tW(OE)
14XtSTAG
tP3
OEN
OUTN0
OUTN1
OUTN15
50%
50%
50%
50%
tOF
tOR
tSTAG
90%
90%
10%
10%
14XtSTAG
tSTAG
tP3
50%
50%
50%
50%


Similar Part No. - AS1113-BSSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113-BSSU AMSCO-AS1113-BSSU Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113-BSSU AMSCO-AS1113-BSSU Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
More results

Similar Description - AS1113-BSSU

ManufacturerPart #DatasheetDescription
logo
ams AG
AS1113 AMSCO-AS1113_1 Datasheet
996Kb / 24P
   50mA, 16-Channel LED Driver with Diagnostics
AS1113 AMSCO-AS1113_04 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
TEXAS ADVANCED OPTOELEC...
AS1113 TAOS-AS1113 Datasheet
3Mb / 25P
   50mA, 16-Channel LED Driver with Diagnostics
logo
Linear Technology
LT3754 LINER-LT3754_15 Datasheet
423Kb / 30P
   16-Channel 50mA LED Driver
LT3754 LINER-LT3754 Datasheet
330Kb / 28P
   16-Channel 횞 50mA LED Driver
LT3745 LINER-LT3745_15 Datasheet
389Kb / 28P
   16-Channel 50mA LED Driver with Buck Controller
logo
TEXAS ADVANCED OPTOELEC...
AS1110 TAOS-AS1110 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
logo
ams AG
AS1110 AMSCO-AS1110 Datasheet
926Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_04 Datasheet
403Kb / 25P
   Constant-Current, 16-Channel LED Driver with Diagnostics
AS1110 AMSCO-AS1110_1 Datasheet
1,004Kb / 24P
   Constant-Current, 16-Channel LED Driver with Diagnostics
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com