Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRISMPS1 Datasheet(PDF) 2 Page - International Rectifier

Part # IRISMPS1
Description  REFERENCE DESIGN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS1 Datasheet(HTML) 2 Page - International Rectifier

  IRISMPS1 Datasheet HTML 1Page - International Rectifier IRISMPS1 Datasheet HTML 2Page - International Rectifier IRISMPS1 Datasheet HTML 3Page - International Rectifier IRISMPS1 Datasheet HTML 4Page - International Rectifier IRISMPS1 Datasheet HTML 5Page - International Rectifier IRISMPS1 Datasheet HTML 6Page - International Rectifier IRISMPS1 Datasheet HTML 7Page - International Rectifier IRISMPS1 Datasheet HTML 8Page - International Rectifier IRISMPS1 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
www.irf.com
IRISMPS1
Circuit Description
The IRISMPS2 refererence design is a complete tested power supply circuit. It is designed for a 36-72V
DC line input and will provide a 5V, 5A full load DC output.
The design uses a flyback converter topology, with an IRIS4007K as the main switch and control device.
The initial startup current for the IRIS4007K is provided by a dropper resistor from the DC bus. Once the circuit
is started the Vcc power for the IRIS4007K comes from the bias winding of the main transformer. The primary
current control circuit consists of a current sensing resistor which feeds a voltage proportional to the trans-
former primary current into the feedback (FB) pin of the IRIS4007K. The secondary voltage control loop uses
a zener diode as the reference and an optocoupler to feedback the information across the transformer
isolation boundary back to the control circuit of the IRIS4007K.
Test Circuit Set-up
The circuit is designed for a 36-72V DC line input. To effectively test and evaluate this circuit it ios
recommended that a DC power supply with a 100V range is used that is capable of supplying 5A. The DC
input power is applied to the pins at P1(+) and P4(gnd) marked on the board.
For the output the best load to use is an electronic load which will allow easy changes in the output load,
e.g. something like a Chroma 63102. Another simple alternative is to use a High power resistor for the load.
Circuit Operation
The front end of the circuit consists of an EMI Filter. At power up the DC voltage is applied to the top of the
transformer, and the top of resistor R3. R3 allows about 450uA of quiescent current to flow which charges the
Vcc capacitor C9. When the voltage at the Vcc pin of the IRIS4007K reaches the positive undervoltage lockout
threshold (V
CCUV+) , the IRIS4007K starts to operate and will turn on the internal FET. Now the DC bus voltage
is applied across the transformer primary winding, the FET and the current sense resistor R10. The current
through the transformer primary, the FET and the current sense resistors will start to ramp up. the rate of the
ramp is dependent on the DC bus voltage . The current ramps until the voltage across R10 reaches the Vth1
of the IRIS4007K (0.73V typ). During this time there is no current flowing in either the bias winding or the
output winding, because this is blocked by the diodes D1 and D4 respectively.
At the point when the voltage across R10 reaches Vth1this activates a comparator in the IRIS4007K and
the internal FET is switched off. Now the energy stored in the transformer causes the voltage at the Drain
connected end of the transformer to rise, and as a result the voltage at the bias winding and the output winding
changes from negative to positive. The output rectifiers now conduct and the energy is transferred to the
output and the bias winding. If there is a fixed full current load on the output it will take a number of cycles for
the output voltage to rise to the required level, and also it will take a few cycles for the bias winding to begin
supplying power to the Vcc pin of the IRIS4007K. Until this happens, C9 holds the voltage above the
undervoltage lockout level (Vccuv-) to make sure the circuit does not drop out. During this time the circuit
cannot create enough voltage signal through the delay circuit to activate the quasi-resonant operation, so the
circuit operates with a fixed off time of 50us (this is the pulse raio control mode or PRC mode).
Once the the output capacitors C5/C6/C13 and the Vcc capacitor C6 are fully charged, the complete
quasi-resonant signal is passed through the delay circuit D5/R7/D6 to the feedback (FB) pin. This will give a
voltage above the Vth2 threshold of the IRIS4007K, and this activates the quasi-resonant operation, holding
the internal FET off until all the energy is transferred from the primary side of the transformer to the secondary
and bias outputs. When all the energy is transferred, the quasi-resonant signal at the FB pin will start to fall
until it can no longer supply the 1.35mA required by the IRIS4007K internal latch, and the FET is turned back


Similar Part No. - IRISMPS1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISMPS3 IRF-IRISMPS3 Datasheet
318Kb / 15P
   International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
   IRISMPS5 DEMO BOARD USER GUIDE
More results

Similar Description - IRISMPS1

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
   Energy Meter Reference Design
2012
logo
Intersil Corporation
ISL6844 INTERSIL-ISL6844 Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com