Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRISMPS1 Datasheet(PDF) 7 Page - International Rectifier

Part # IRISMPS1
Description  REFERENCE DESIGN
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRISMPS1 Datasheet(HTML) 7 Page - International Rectifier

Back Button IRISMPS1 Datasheet HTML 3Page - International Rectifier IRISMPS1 Datasheet HTML 4Page - International Rectifier IRISMPS1 Datasheet HTML 5Page - International Rectifier IRISMPS1 Datasheet HTML 6Page - International Rectifier IRISMPS1 Datasheet HTML 7Page - International Rectifier IRISMPS1 Datasheet HTML 8Page - International Rectifier IRISMPS1 Datasheet HTML 9Page - International Rectifier IRISMPS1 Datasheet HTML 10Page - International Rectifier IRISMPS1 Datasheet HTML 11Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.irf.com
7
IRISMPS1
Fig 6) showsthe same details as in fig 5), but at 72VDC input, in this case you can see the on time is very
short as it takes very little time to get the energy required into the transformer.
Efficiency
Efficiency vs DC Input Voltage
0
10
20
30
40
50
60
70
80
36
42
48
54
60
66
72
DC Input Voltage
Output Current = 5A
Output Current =0.5A
Efficiency vs Output Power
0
10
20
30
40
50
60
70
80
90
0.5
2.5
5
10
15
20
25
Output Power
Vin=36V
Vin=48V
Vin=72V


Similar Part No. - IRISMPS1

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRISMPS3 IRF-IRISMPS3 Datasheet
318Kb / 15P
   International Rectifier 짰233 Kansas Street El Segundo CA 90245 USA
IRISMPS5 IRF-IRISMPS5 Datasheet
467Kb / 11P
   IRISMPS5 DEMO BOARD USER GUIDE
More results

Similar Description - IRISMPS1

ManufacturerPart #DatasheetDescription
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
logo
Broadcom Corporation.
BCM953128R BOARDCOM-BCM953128R Datasheet
150Kb / 2P
   UNMANAGED REFERENCE DESIGN
06/10/10
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
   Reference Design Kit
logo
Silicon Laboratories
WL-TRANSCVR-RD SILABS-WL-TRANSCVR-RD Datasheet
137Kb / 4P
   Reference Design Documentation
logo
Zoran Corporation
SUPRAHD-660 ZORAN-SUPRAHD-660 Datasheet
79Kb / 2P
   DTV Reference Design
logo
Microchip Technology
MCP3901 MICROCHIP-MCP3901_12 Datasheet
2Mb / 46P
   Energy Meter Reference Design
2012
logo
Intersil Corporation
ISL6844 INTERSIL-ISL6844 Datasheet
531Kb / 10P
   ISL6844 Reference Design: ISL6844EVAL3Z
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com