Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B39871B3734H110 Datasheet(PDF) 3 Page - EPCOS

Part # B39871B3734H110
Description  SAW Components
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B39871B3734H110 Datasheet(HTML) 3 Page - EPCOS

  B39871B3734H110 Datasheet HTML 1Page - EPCOS B39871B3734H110 Datasheet HTML 2Page - EPCOS B39871B3734H110 Datasheet HTML 3Page - EPCOS B39871B3734H110 Datasheet HTML 4Page - EPCOS B39871B3734H110 Datasheet HTML 5Page - EPCOS B39871B3734H110 Datasheet HTML 6Page - EPCOS B39871B3734H110 Datasheet HTML 7Page - EPCOS B39871B3734H110 Datasheet HTML 8Page - EPCOS B39871B3734H110 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
August 02, 2007
B3734
868.30 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature for specification:
T
=
25 ˚C
Terminating source impedance:
ZS =50 Ω and matching network
Terminating load impedance:
ZL =50 Ω and matching network
min.
typ.
max.
Center frequency
fC
868.30
MHz
Minimum insertion attenuation
α
min
incl. loss in matching elements (QL = 66)
3.2
3.7
dB
excl. loss in matching elements
2.6
3.1
dB
Pass band (relative to
α
min)
868.15 ...
868.45 MHz
1.0
3.0
dB
Relative attenuation (relative to
α
min)
α
rel
10.00 ...
620.00 MHz
46
51
dB
620.00 ...
680.00 MHz
36
41
dB
680.00 ...
855.00 MHz
47
51
dB
855.00 ...
864.00 MHz
32
36
dB
864.00 ...
867.20 MHz
21
24
dB
867.20 ...
867.60 MHz
11
23
dB
867.60 ...
867.90 MHz
6
dB
869.50 ...
876.00 MHz
12
15
dB
876.00 ...
884.00 MHz
32
37
dB
884.00 ... 2500.00 MHz
48
53
dB
Impedance for pass band matching1)
1)
Impedance for passband matching bases on an ideal, perfect matching of the SAW filter to source- and to load
impedance (here 50 Ohm). After removal of the SAW filter the input impedance of the input and output match-
ing network is calculated. The conjugate complex value of these characteristic impedances are the input and
output impedances for flat passband. For more details we refer to EPCOS application note #4.
Input:
ZIN
=RIN
|| CIN
430 || 0.8
Ω || pF
Output: ZOUT =ROUT || COUT
430 || 0.8
Ω || pF


Similar Part No. - B39871B3734H110

ManufacturerPart #DatasheetDescription
logo
EPCOS
B39871B3734H110 EPCOS-B39871B3734H110 Datasheet
81Kb / 11P
   SAW filter Short range devices
logo
TDK Electronics
B39871B3734H110 TDK-B39871B3734H110 Datasheet
92Kb / 11P
   SAW Components SAW filter Short range devices
More results

Similar Description - B39871B3734H110

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G3355K ETC-G3355K Datasheet
98Kb / 8P
   SAW COMPONENTS
logo
EPCOS
B5155 EPCOS-B5155 Datasheet
233Kb / 8P
   SAW Components
B39212B7750C810 EPCOS-B39212B7750C810 Datasheet
85Kb / 8P
   SAW Components
B39421R2702U310 EPCOS-B39421R2702U310 Datasheet
45Kb / 4P
   SAW Components
B39401R983U410 EPCOS-B39401R983U410 Datasheet
40Kb / 4P
   SAW Components
logo
TDK Electronics
B39182B9855P810 TDK-B39182B9855P810 Datasheet
136Kb / 8P
   SAW Components
B39901B8746P810 TDK-B39901B8746P810 Datasheet
98Kb / 7P
   SAW Components
logo
EPCOS
B3529 EPCOS-B3529 Datasheet
99Kb / 8P
   SAW Components
B3513 EPCOS-B3513 Datasheet
68Kb / 6P
   SAW Components
B3525 EPCOS-B3525 Datasheet
63Kb / 7P
   SAW Components
B7683 EPCOS-B7683 Datasheet
156Kb / 13P
   SAW Components
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com