Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AHCT123ADRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AHCT123ADRG4
Description  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT123ADRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AHCT123ADRG4 Datasheet HTML 5Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 6Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 7Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 8Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 9Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 10Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 11Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 12Page - Texas Instruments SN74AHCT123ADRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
SN54AHCT123A, SN74AHCT123A
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SCLS420G – JUNE 1998 – REVISED APRIL 2003
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
110
102
103
104
105
106
107
1.00E+00
1.00E+01
1.00E+02
1.00E+03
1.00E+04
1.00E+05
1.00E+06
1.00E+07
1.00E+08
1.00E+09
CT – External Timing Capacitance – pF
RT = 1k Ω
RT = 5k Ω
RT = 10k Ω
RT = 80k Ω
RT = 150k Ω
RT = 200k Ω
VCC = 5 V
TA = 25°C
Figure 5. Output Pulse Duration vs External Timing Capacitance
tw = 866 ns at:
VCC = 5 V,
RT = 10 kΩ
CT = 50 pF
TA = 25°C
–60
–40
–20
0
20
40
60
80
100
120
140
160
VCC = 2.5 V
VCC = 3 V
VCC = 3.5 V
VCC = 4 V
VCC = 5 V
VCC = 6 V
VCC = 7 V
180
–6%
–4%
–2%
0%
2%
4%
6%
8%
10%
12%
14%
Temperature –
°C
Figure 6. Variations in Output Pulse Duration vs Temperature
† Operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied.


Similar Part No. - SN74AHCT123ADRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AHCT123ADRG4 TI-SN74AHCT123ADRG4 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Similar Description - SN74AHCT123ADRG4

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74LV123A HITACHI-HD74LV123A Datasheet
91Kb / 20P
   Dual Retriggerable Monostable Multivibrators
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A Datasheet
119Kb / 16P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHC123A TI-SN54AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHC123A TI1-SN54AHC123A_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI-SN54LS422 Datasheet
323Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54LS422 TI1-SN54LS422_12 Datasheet
612Kb / 9P
[Old version datasheet]   RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN54AHCT123A TI-SN54AHCT123A Datasheet
570Kb / 21P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Hitachi Semiconductor
HD74HC423A HITACHI-HD74HC423A Datasheet
51Kb / 8P
   Dual Retriggerable Monostable Multivibrators
logo
Texas Instruments
SN54AHCT123A TI-SN54AHCT123A_08 Datasheet
867Kb / 25P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
logo
Renesas Technology Corp
HD74LV123A RENESAS-HD74LV123A_15 Datasheet
145Kb / 18P
   Dual Retriggerable Monostable Multivibrators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com