Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L035-C Datasheet(PDF) 4 Page - Littelfuse

Part # 1206L035-C
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L035-C Datasheet(HTML) 4 Page - Littelfuse

  1206L035-C Datasheet HTML 1Page - Littelfuse 1206L035-C Datasheet HTML 2Page - Littelfuse 1206L035-C Datasheet HTML 3Page - Littelfuse 1206L035-C Datasheet HTML 4Page - Littelfuse 1206L035-C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1206L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Part Numbering System
PACKAGING STYLE
SIZE
L: LITTELFUSE SURFACE MOUNT PPTC
I
HOLD HOLD CURRENT CODE (SEE TABLE BELOW)
/XX: SPECIAL VOLTAGE RATING (NOT APPLICABLE TO ALL PARTS)
QUANTITY CODE: W=3000 Y=4000
R: Tape & Reel
1206 L 035 /16 W R
SERIES
Dimensions
Part
Number
A
B
C
D
E
Inches
mm
Inches
mm
Inches
mm
Inches mm
Inches
mm
Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min. Max. Min.
Min. Min Max. Min. Max.
1206L012
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.03
0.06
0.65
1.45
0.01
0.2
0.004 0.02
0.1
0.45
1206L016
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.03
0.06
0.65
1.45
0.01
0.2
0.004 0.02
0.1
0.45
1206L020-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.04
0.5
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L025-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.04
0.5
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L035-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L035/16
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L050-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L050/15
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.03
0.45
0.75
0.01
0.2
0.004 0.02
0.1
0.45
1206L075-C
0.12
0.14
3
3.5
0.06
0.07
1.5
1.8
0.02
0.05
0.45
1.25
0.01
0.2
0.004 0.02
0.1
0.45
1206L100
0.12
0.13
3
3.4
0.06
0.07
1.5
1.8
0.03
0.04
0.75
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L110-C
0.12
0.13
3
3.4
0.06
0.07
1.5
1.8
0.03
0.04
0.75
1
0.01
0.2
0.004 0.02
0.1
0.45
1206L150-C
0.12
0.13
3
3.4
0.06
0.07
1.5
1.8
0.03
0.06
0.85
1.4
0.01
0.2
0.004 0.02
0.1
0.45
C
Top
View
Pad
Layout
Side
View
Bottom
View
1.80 mm
(.071)
1.80 mm
(.071)
1.00 mm
(.040)
D
MARKING CODE VARIES
WITH AMPERAGE RATING
(SEE CHART)
SHOWN IS 1.6AMP RATING
E
A
B
N


Similar Part No. - 1206L035-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L035-C LITTELFUSE-1206L035-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L035-C LITTELFUSE-1206L035-C Datasheet
395Kb / 5P
   1206L Series
More results

Similar Description - 1206L035-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com