Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1206L150-C Datasheet(PDF) 3 Page - Littelfuse

Part # 1206L150-C
Description  POLYFUSE짰 Resettable PTCs
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

1206L150-C Datasheet(HTML) 3 Page - Littelfuse

  1206L150-C Datasheet HTML 1Page - Littelfuse 1206L150-C Datasheet HTML 2Page - Littelfuse 1206L150-C Datasheet HTML 3Page - Littelfuse 1206L150-C Datasheet HTML 4Page - Littelfuse 1206L150-C Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.littelfuse.com
©2006 Littelfuse
POLYFUSE® Resettable PTCs
Surface Mount
1206L Series
Specifications are subject to change without notice.

Electronics Designers Guide
Environmental Specifications
Soldering Parameters
Preheating
120
180
220
260
0
60 to 100
Soldering
Cooling
120
50 to 150
Time(s)
Condition
Reflow
Peak Temp/ Duration Time
260°C/10Sec
Time above liquids (TAL) 220°C
60Sec~100Sec
Preheat 120°C~ 180°C
50Sec~150Sec
Storage Condition
0°C~35°C,70%RH
•Recommendedreflowmethods:IR,vaporphaseoven,hot
airoven,N2environmentforlead-free
•Devicesarenotdesignedtobewavesolderedtothe
bottomsideoftheboard.
•Recommendedmaximumpastethicknessis0.25mm
(0.010inch)
•Devicescanbecleanedusingstandardindustrymethods
andsolvents.
Note:Ifreflowtemperaturesexceedtherecommended
profile,devicesmaynotmeettheperformance
requirements.
Operating/Storage
Temperature
-40°Cto+85°C
Maximum Device Surface
Temperature in Tripped State
125°C
Passive Aging
+85°C,1000hours
±5%typicalresistancechange
Humidity Aging
+85°C,85%R.H.1000hours
±5%typicalresistancechange
Thermal Shock
MIL-STD-202Method107G
+85°C/-40°C20times
-30%typicalresistancechange
Solvent Resistance
MIL-STD-202,Method215
Nochange
Vibration
MIL-STD-883C,Method
2007.1,ConditionA
Nochange
Physical Specifications
Terminal Material
Solder-PlatedCopper(SolderMaterial:
MatteTin(Sn))
Lead Solderability
MeetsEIASpecificationRS186-9E,ANSI/
J-STD-002Category3.


Similar Part No. - 1206L150-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
1206L150-C LITTELFUSE-1206L150-C Datasheet
4Mb / 74P
   POLYFUSE짰 Resettable PTCs Surface Mount
1206L150-C LITTELFUSE-1206L150-C Datasheet
395Kb / 5P
   1206L Series
More results

Similar Description - 1206L150-C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
600R150 LITTELFUSE-600R150 Datasheet
354Kb / 5P
   POLYFUSE짰 Resettable PTCs
0603L LITTELFUSE-0603L_10 Datasheet
316Kb / 5P
   POLYFUSE짰 Resettable PTCs
250S130_0911 LITTELFUSE-250S130_0911 Datasheet
464Kb / 5P
   POLYFUSE짰 Resettable PTCs
30R500UMR LITTELFUSE-30R500UMR Datasheet
259Kb / 7P
   POLYFUSE짰 Resettable PTCs
1210L110WR LITTELFUSE-1210L110WR Datasheet
157Kb / 5P
   POLYFUSE짰 Resettable PTCs
60R010 LITTELFUSE-60R010_06 Datasheet
417Kb / 5P
   POLYFUSE짰 Resettable PTCs
15ST120 LITTELFUSE-15ST120 Datasheet
299Kb / 3P
   POLYFUSE짰 Resettable PTCs
15LT070 LITTELFUSE-15LT070 Datasheet
358Kb / 4P
   POLYFUSE짰 Resettable PTCs
16VT170 LITTELFUSE-16VT170 Datasheet
420Kb / 5P
   POLYFUSE짰 Resettable PTCs
06R075B LITTELFUSE-06R075B Datasheet
530Kb / 5P
   POLYFUSE짰 Resettable PTCs
16R400GU LITTELFUSE-16R400GU Datasheet
225Kb / 6P
   POLYFUSE짰 Resettable PTCs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com