Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS8513IDWR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8513IDWR
Description  16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8513IDWR Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS8513IDWR Datasheet HTML 7Page - Texas Instruments ADS8513IDWR Datasheet HTML 8Page - Texas Instruments ADS8513IDWR Datasheet HTML 9Page - Texas Instruments ADS8513IDWR Datasheet HTML 10Page - Texas Instruments ADS8513IDWR Datasheet HTML 11Page - Texas Instruments ADS8513IDWR Datasheet HTML 12Page - Texas Instruments ADS8513IDWR Datasheet HTML 13Page - Texas Instruments ADS8513IDWR Datasheet HTML 14Page - Texas Instruments ADS8513IDWR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
www.ti.com
BUSY
CONV
t
1
t
5
DATACLK
t
4
t
23
t
22
t
21
t
20
t
19
1
2
3
4
14
15
16
DATA
MSB
Bit14
Bit13
Bit2
Bit1
LSB
3
4
BUSY
CONV
t
2
t
1
DATACLK
t
24
t
25
t
23
t
22
t
21
t
20
t
19
1
1
2
15
16
DATA
MSB
Bit14
Bit13
Bit1
LSB
MSB
ADS8513
SLAS486 – JUNE 2007
Figure 7. Serial Data Timing, External Clock, Clocking After the Conversion Completes (EXT/INT High, CS
Low)
EXTERNAL DATACLK ACTIVE DURING THE NEXT CONVERSION
Another method of obtaining the conversion result is shown in Figure 8. Since the output shift register is not
updated until the end of the conversion, the previous result remains valid during the next conversion. If a fast
clock (
≥ 2MHz) can be provided to the ADS8513, the result can be read during time t2. During this time, the noise
from the DATACLK signal is less likely to affect the conversion result.
Figure 8. Serial Data Timing, External Clock, Clocking During the Next Conversion (EXT/INT High, CS
Low)
EXTERNAL DATACLK ACTIVE AFTER THE CONVERSION AND DURING THE NEXT CONVERSION
Figure 9 shows a method that is a hybrid of the two previous approaches. This method works very well for
microcontrollers that do serial transfers 8 bits at a time and for slower microcontrollers. For example, if the fastest
serial clock that the microcontroller can produce is 1
μs, the approach shown in Figure 7 would result in a
diminished throughput (26-kHz maximum conversion rate). The method described in Figure 8 could not be used
without risk of affecting the conversion result (the clock would have to be active after time t2). The approach in
Figure 9 results in an improved throughput rate (33 kHz maximum with a 1-
μs clock) and DATACLK is not active
after time t2.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS8513


Similar Part No. - ADS8513IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8513IDWR TI1-ADS8513IDWR Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8513IDWRG4 TI1-ADS8513IDWRG4 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
More results

Similar Description - ADS8513IDWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8507 TI-ADS8507 Datasheet
911Kb / 32P
[Old version datasheet]   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8507 BURR-BROWN-ADS8507 Datasheet
935Kb / 32P
   16-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8506 TI1-ADS8506 Datasheet
1Mb / 35P
[Old version datasheet]   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8506 BURR-BROWN-ADS8506 Datasheet
632Kb / 28P
   12-BIT 40-KSPS LOW POWER SAMPLING ANALOG-TO-DIGITAL CONVERTER WITH INTERNAL REFERENCE AND PARALLEL/SERIAL INTERFACE
logo
Texas Instruments
ADS8517 TI1-ADS8517_14 Datasheet
1Mb / 42P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8517 TI-ADS8517 Datasheet
800Kb / 34P
[Old version datasheet]   16-Bit, 200-kSPS, Low-Power, Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
ADS8512 TI1-ADS8512_14 Datasheet
1Mb / 34P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8512 TI-ADS8512 Datasheet
955Kb / 32P
[Old version datasheet]   12-Bit, 40-kSPS, Low Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Serial Interface
ADS8513 TI1-ADS8513_14 Datasheet
1Mb / 34P
[Old version datasheet]   16-Bit, 40kSPS, Low-Power Sampling ANALOG-TO-DIGITAL CONVERTER with Internal Reference and Parallel/Serial Interface
DAC7742 TI1-DAC7742_15 Datasheet
931Kb / 22P
[Old version datasheet]   16-Bit, Single Channel DIGITAL-TO-ANALOG CONVERTER With Internal Reference and Parallel Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com