Selected language     English  ▼


LCE28A Datasheet(PDF) 3 Page - Littelfuse

Part No. LCE28A
Description  1500W Axial Leaded Transient Voltage Supressors
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  LITTELFUSE [Littelfuse]
Homepage  http://www.littelfuse.com
Logo 

   
 3 page
background image
Silicon Avalanche Diodes
313
www .littelfuse .com
LCE Series
RoHS
Fig. 1 Peak Pulse Power Rating
Fig. 3 Pulse Waveform
Fig. 4 AC Line Protection Application
Fig. 2 Power Derating Curve
td- Pulse Width (sec.)
TL- Lead Temperature (˚C)
0.1µs
1.0µs
10µs
100µs
1.0ms
10ms
0.1
1
10
100
0
0
0
50
100
150
1.0
2.0
3.0
4.0
0
25
25
50
50
75
75
100
100
125 150 175 200
Application Note: Device must be used
with two units in parrellel, opposite in polarity
as shown on circuit for AC signal lin
protection.
tr=10µsec
Peak Value
IPPM
Half Value IPPM
2
TJ=25˚C
Pulse Width(td) is defined
as the point where the peak
current decays to 50% of IPPM
10/1000µsec. Waveform
as defined by R.E.A
Low Capacitance
TVC
td
Lead Lenths
0.375" (9.5mm)
Peak Power
(single Pulse)
Average Power
+
+
Ratings and Characteristic Curves TA=25˚C unless otherwise noted
1500W Axial Leaded Transient Voltage Supressors
6




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
5KP6Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 1 2 3 Semikron International
P6KE6Axial lead diode Unidirectional and bidirectional Transient Voltage Suppressor diodes 1 2 3 Semikron International
SMCJ50CA_11500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
1.5KE6V8A1500W TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 Diodes Incorporated
1.5KE6V8A_11500W TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 Diodes Incorporated
1.5SMCJ_061500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 MoreWon-Top Electronics
1.5SMCJ1801500W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR 1 2 3 4 5 Won-Top Electronics
2PF140AXIAL LEADED HERMETICALLY SEALED HIGH VOLTAGE FAST RECTIFIER DIODE 1 2 3 Semtech Corporation
SPD9441RADIATION DETECTOR AXIAL LEADED PIN DIODE 1 Solid States Devices, Inc
ESD5Z2.5T1_06Transient Voltage Suppressors Micro−Packaged Diodes for ESD Protection 1 2 3 4 ON Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl