Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA30QS60-4 Datasheet(PDF) 1 Page - Littelfuse

Part # LA30QS60-4
Description  Special Purpose Fuses
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

LA30QS60-4 Datasheet(HTML) 1 Page - Littelfuse

  LA30QS60-4 Datasheet HTML 1Page - Littelfuse LA30QS60-4 Datasheet HTML 2Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Special Purpose Fuses
90
w w w . l i t t e l f u s e . c o m
© 2005 Littelfuse POWR-GARDProducts Catalog
LA 30 QS 600 -4 TI
Style
Littelfuse
Ampere Rating
Mounting Type
Voltage
(300)
Integral Blown-
Fuse Indicator
Ferrule
1
Blades/Bolt-in
4
Hockey Puck, bolt-in
128
Trigger Indicator
TI
Trigger Actuator
IL
LA30QS Semiconductor Fuses
300 VAC • Very Fast Acting • 35 – 4500 Amperes
Specifications
Voltage Rating:
AC: 300 volts
DC: 300 volts
Interrupting Rating:
200,000 Amperes
Ampere Range:
35 – 4500 Amperes
Approvals:
UL Recognized under the components program.
Littelfuse LA30QS series Semiconductor protection fuses are intended
for the protection of Power Semiconductors such as diodes, phase
control SCR’s and other power semiconductor devices. The LA30QS is
recommended for new applications providing solutions for your critical
protection needs for 300V and less semiconductors.
Features
• Low I2t minimizes damage to protected components on short-circuit.
• Controlled arc voltage reduces stress to circuit components during
fuse clearing.
• Choice of mounting types provides options for unique termination
requirements.
• Indicator options allow identification of blown fuses.
• Superior DC capabilities.
Applications
Protection of 300 volt heavy duty rectifiers and similar heavy duty
power supplies.
Ordering Information
Note: Mounting types and integral blown fuse indicators are optional for
specified ratings.
Contact Littelfuse for characteristic curves.


Similar Part No. - LA30QS60-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA30QS60-4 LITTELFUSE-LA30QS60-4 Datasheet
775Kb / 8P
   Traditional Semiconductor Fuses
LA30QS60-4 LITTELFUSE-LA30QS60-4 Datasheet
135Kb / 2P
   LA30QS Semiconductor Fuses
2005
More results

Similar Description - LA30QS60-4

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LA70QS10-14F LITTELFUSE-LA70QS10-14F_06 Datasheet
98Kb / 1P
   Special Purpose Fuses
LA50QS35-4 LITTELFUSE-LA50QS35-4 Datasheet
91Kb / 2P
   Special Purpose Fuses
LA15QS1-2 LITTELFUSE-LA15QS1-2 Datasheet
112Kb / 2P
   Special Purpose Fuses
LA100P15-1 LITTELFUSE-LA100P15-1 Datasheet
102Kb / 2P
   Special Purpose Fuses
LA70QS35-4 LITTELFUSE-LA70QS35-4 Datasheet
92Kb / 2P
   Special Purpose Fuses
482 LITTELFUSE-482 Datasheet
67Kb / 2P
   Blade Terminal & Special Purpose Fuses
0242.050 LITTELFUSE-0242.050 Datasheet
86Kb / 1P
   Blade Terminal & Special Purpose Fuses
LVSP LITTELFUSE-LVSP Datasheet
89Kb / 2P
   Blade Terminal & Special Purpose Fuses - Surge Fuses
481 LITTELFUSE-481 Datasheet
38Kb / 1P
   Blade Terminal & Special Purpose Fuses
299 LITTELFUSE-299 Datasheet
51Kb / 1P
   Blade Terminal & Special Purpose Fuses - Low Voltage
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com