Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDP12N50 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FDP12N50
Description  N-Channel MOSFET 500V, 11.5A, 0.65廓
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDP12N50 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FDP12N50 Datasheet HTML 2Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 3Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 4Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 5Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 6Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 7Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 8Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 9Page - Fairchild Semiconductor FDP12N50 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
FDP12N50 / FDPF12N50 Rev. A
www.fairchildsemi.com
7
Peak Diode Recovery dv/dt Test Circuit & Waveforms
DU T
V DS
+
_
Dr i v e r
R G
S a m e T y pe
as D U T
V GS
• d v / dt c o nt r o l led by R
G
•I
SD c ont r o l l e d by pul s e per i o d
V DD
L
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D i od e
F o r w a r d V o lt a ge D r o p
V SD
I
FM , B o dy D i ode F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y dv / d t
di/ d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
DU T
V DS
+
_
Dr i v e r
R G
S a m e T y pe
as D U T
V GS
• d v / dt c o nt r o l led by R
G
•I
SD c ont r o l l e d by pul s e per i o d
V DD
LL
I SD
10 V
V GS
( D r i v e r )
I SD
( D U T )
V DS
( DUT )
V DD
B ody D i od e
F o r w a r d V o lt a ge D r o p
V SD
I
FM , B o dy D i ode F o r w ar d C u r r e n t
B o d y D i o de R e v e r s e C u r r e n t
I RM
B o d y D iode R e c o v e r y dv / d t
di/ d t
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----
D =
G a t e P u l s e W i dt h
G a t e Pu l s e Pe r i o d
--- --------- ---------- ----


Similar Part No. - FDP12N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FDP12N50 ISC-FDP12N50 Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFET II MOSFET?
FDP12N50NZ FAIRCHILD-FDP12N50NZ Datasheet
298Kb / 14P
   DESIGN/PROCESS CHANGE NOTIFICATION
logo
Inchange Semiconductor ...
FDP12N50NZ ISC-FDP12N50NZ Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDP12N50

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDP12N50 FAIRCHILD-FDP12N50_12 Datasheet
538Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
FDB12N50TM FAIRCHILD-FDB12N50TM Datasheet
366Kb / 9P
   N-Channel MOSFET 500V, 11.5A, 0.65廓
logo
MagnaChip Semiconductor...
MDP12N50B MGCHIP-MDP12N50B Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.65(ohm)
logo
Fairchild Semiconductor
FDP12N50F FAIRCHILD-FDP12N50F Datasheet
701Kb / 10P
   N-Channel MOSFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F_12 Datasheet
377Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
FDB12N50F FAIRCHILD-FDB12N50F Datasheet
597Kb / 8P
   N-Channel MOSFET, FRFET 500V, 11.5A, 0.7廓
logo
MagnaChip Semiconductor...
MDP12N50F MGCHIP-MDP12N50F Datasheet
1Mb / 8P
   N-Channel MOSFET 500V, 11.5A, 0.75ohm
MDF12N50 MGCHIP-MDF12N50 Datasheet
779Kb / 8P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
MDP12N50 MGCHIP-MDP12N50 Datasheet
772Kb / 6P
   N-Channel MOSFET 500V, 11.5 A, 0.65(ohm)
logo
Alpha & Omega Semicondu...
AOD468 AOSMD-AOD468 Datasheet
312Kb / 6P
   300V,11.5A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com