Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74HC2G04 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # 74HC2G04
Description  Dual inverter
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G04 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button 74HC2G04 Datasheet HTML 2Page - NXP Semiconductors 74HC2G04 Datasheet HTML 3Page - NXP Semiconductors 74HC2G04 Datasheet HTML 4Page - NXP Semiconductors 74HC2G04 Datasheet HTML 5Page - NXP Semiconductors 74HC2G04 Datasheet HTML 6Page - NXP Semiconductors 74HC2G04 Datasheet HTML 7Page - NXP Semiconductors 74HC2G04 Datasheet HTML 8Page - NXP Semiconductors 74HC2G04 Datasheet HTML 9Page - NXP Semiconductors 74HC2G04 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
74HC_HCT2G04_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 15 November 2006
6 of 14
NXP Semiconductors
74HC2G04; 74HCT2G04
Dual inverter
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 2.0 V
-
-
0.1
V
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 20 µA; VCC = 6.0 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.4
V
IO = 5.2 mA; VCC = 6.0 V
-
-
0.4
V
Il
input leakage current
VI = GND or VCC; VCC = 6.0 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 6.0 V
-
-
20.0
µA
Table 7.
Static characteristics for 74HC2G04 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 8.
Static characteristics for 74HCT2G04
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
1.6
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
1.2
0.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 4.5 V
4.4
4.5
-
V
IO = −4.0 mA; VCC = 4.5 V
4.18
4.32
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
0
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
0.15
0.26
V
Il
input leakage current
VI = GND or VCC; VCC = 5.5 V
-
-
±0.1
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 5.5 V
-
-
1.0
µA
∆ICC
additional supply current
VI = VCC − 2.1 V;
VCC = 4.5 V to 5.5 V; IO = 0 A
-
-
300
µA
CI
input capacitance
-
1.5
-
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −20 µA; VCC = 4.5 V
4.4
-
-
V
IO = −4.0 mA; VCC = 4.5 V
4.13
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 20 µA; VCC = 4.5 V
-
-
0.1
V
IO = 4.0 mA; VCC = 4.5 V
-
-
0.33
V
Il
input leakage current
VI = GND or VCC; VCC = 5.5 V
-
-
±1.0
µA
ICC
supply current
VI = GND or VCC; IO = 0 A;
VCC = 5.5 V
-
-
10.0
µA
∆ICC
additional supply current
VI = VCC − 2.1 V;
VCC = 4.5 V to 5.5 V; IO = 0 A
-
-
375
µA


Similar Part No. - 74HC2G04

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
74HC2G04-Q100 NEXPERIA-74HC2G04-Q100 Datasheet
201Kb / 15P
   Dual inverter
74HC2G04GV NEXPERIA-74HC2G04GV Datasheet
194Kb / 15P
   Dual inverter
74HC2G04GV,125 NEXPERIA-74HC2G04GV,125 Datasheet
194Kb / 15P
   Dual inverter
74HC2G04GV-Q100 NEXPERIA-74HC2G04GV-Q100 Datasheet
201Kb / 15P
   Dual inverter
More results

Similar Description - 74HC2G04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74LVC2GU04 PHILIPS-74LVC2GU04 Datasheet
95Kb / 15P
   Dual inverter
2004 Sep 21
logo
Unisonic Technologies
U74LVC2G04 UTC-U74LVC2G04_10 Datasheet
163Kb / 5P
   DUAL INVERTER
logo
Nexperia B.V. All right...
74LVC2G04 NEXPERIA-74LVC2G04 Datasheet
252Kb / 16P
   Dual inverter
Rev. 12 - 26 January 2022
logo
ON Semiconductor
NLX2G04 ONSEMI-NLX2G04 Datasheet
93Kb / 8P
   Dual Inverter
March, 2008 - Rev. 0
logo
Toshiba Semiconductor
TC7PA04FU TOSHIBA-TC7PA04FU_07 Datasheet
184Kb / 8P
   Dual Inverter
TC7PG04AFE TOSHIBA-TC7PG04AFE Datasheet
141Kb / 6P
   Dual Inverter
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A Datasheet
80Kb / 7P
   Dual Inverter
logo
ON Semiconductor
NLU2G04 ONSEMI-NLU2G04 Datasheet
98Kb / 8P
   Dual Inverter
March, 2008 - Rev. 2
logo
Renesas Technology Corp
HD74LV1GW04A RENESAS-HD74LV1GW04A_15 Datasheet
160Kb / 8P
   Dual Inverter
logo
Nexperia B.V. All right...
74HC2G04 NEXPERIA-74HC2G04 Datasheet
194Kb / 15P
   Dual inverter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com