Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B32538B1334 Datasheet(PDF) 7 Page - EPCOS

Part # B32538B1334
Description  Metallized Polyester Film Capacitors (MKT-S)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B32538B1334 Datasheet(HTML) 7 Page - EPCOS

  B32538B1334 Datasheet HTML 1Page - EPCOS B32538B1334 Datasheet HTML 2Page - EPCOS B32538B1334 Datasheet HTML 3Page - EPCOS B32538B1334 Datasheet HTML 4Page - EPCOS B32538B1334 Datasheet HTML 5Page - EPCOS B32538B1334 Datasheet HTML 6Page - EPCOS B32538B1334 Datasheet HTML 7Page - EPCOS B32538B1334 Datasheet HTML 8Page - EPCOS B32538B1334 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Technical data
Operating temperature range
Max. operating temperature Top,max
+125
°C
Upper category temperature Tmax
+100
°C
Lower category temperature Tmin
55
°C
Rated temperature TR
+85
°C
Dissipation factor tan
δ (in 10-3) C
R (
µF)
≤ 0.47
0.47 < CR
≤4.7 4.7 < C
R
≤10.0 > 10.0
at 20
°C
at
1 kHz
7
8
8
10
(upper limit values)
at
10 kHz
15
22
25
Insulation resistance Rins
CR
or time constant
τ = C
R
Rins
≤ 0.33 µF
> 15000 M
at 20
°C, rel. humidity ≤ 65%
> 0.33
µF
> 5000 s
(minimum as-delivered values)
DC test voltage
1.4
VR, 2 s
Category voltage VC
TA (
°C)
DC voltage derating
AC voltage derating
(continuous operation with VDC
TA
≤ 85
VC = VR
VC,rms = Vrms
or VAC at f
≤ 60 Hz)
85<TA
≤100 V
C = VR
(165 TA)/80
VC,rms=Vrms (165 TA)/80
Operating voltage Vop for
TA (
°C)
DC voltage (max. hours) AC voltage (max. hours)
short operating periods
TA
≤ 100
Vop = 1.25 VC (2000 h) Vop = 1.0 VC,rms (2000 h)
(VDC or VAC at f
≤ 60 Hz)
100<TA
≤125 V
op = 0.5
VR (1000 h)
Vop = 0.5 Vrms (1000 h)
Damp heat test
56 days/40
°C/93% relative humidity
Limit values after damp
Capacitance change
∆C/C
≤ 5%
heat test
Dissipation factor change
∆ tan δ
≤ 5 10-3 (at 1 kHz)
Insulation resistance Rins
≥ 50% of minimum
as-delivered values
Reliability:
Failure rate
λ
1 fit (
≤ 1 10-9/h) at 0.5 V
R, 40
°C
Service life tSL
200 000 h at 1.0
VR, 40
°C
For conversion to other operating conditions and temperatures,
refer to chapter "Quality assurance", page .
Failure criteria:
Total failure
Short circuit or open circuit
Failure due to variation
Capacitance change
∆C/C
> 10%
of parameters
Dissipation factor tan
δ
> 1.5
upper limit value
Insulation resistance Rins
< 150 M
Ω (C
R
≤ 0.33 µF)
or time constant
τ = C
R
Rins
< 50 s
(CR > 0.33
µF)
B32538
High reliability (wound)
7


Similar Part No. - B32538B1334

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32537B1104 EPCOS-B32537B1104 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
logo
TDK Electronics
B32537B1104J000 TDK-B32537B1104J000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
B32537B1104K000 TDK-B32537B1104K000 Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
logo
EPCOS
B32537B1105 EPCOS-B32537B1105 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
More results

Similar Description - B32538B1334

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B32537B2225K TDK-B32537B2225K Datasheet
313Kb / 24P
   Metallized Polyester Film Capacitors (MKT-S)
logo
EPCOS
B32529C1684J289 EPCOS-B32529C1684J289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1473K289 EPCOS-B32529C1473K289 Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C223J EPCOS-B32529C223J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32529C1152J EPCOS-B32529C1152J Datasheet
842Kb / 49P
   Film Capacitors - Metallized Polyester (MKT)
B32522N3105K EPCOS-B32522N3105K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
B32562H6155K EPCOS-B32562H6155K Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C224K EPCOS-B32529C224K Datasheet
1Mb / 31P
   Metallized Polyester Film Capacitors (MKT)
B32562J1225J289 EPCOS-B32562J1225J289 Datasheet
577Kb / 32P
   Metallized Polyester Film Capacitors (MKT)
B32529C334K EPCOS-B32529C334K Datasheet
887Kb / 45P
   Metallized Polyester Film Capacitors (MKT)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com